Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9908TR
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 8Page - STMicroelectronics L9908TR Datasheet HTML 9Page - STMicroelectronics L9908TR Datasheet HTML 10Page - STMicroelectronics L9908TR Datasheet HTML 11Page - STMicroelectronics L9908TR Datasheet HTML 12Page - STMicroelectronics L9908TR Datasheet HTML 13Page - STMicroelectronics L9908TR Datasheet HTML 14Page - STMicroelectronics L9908TR Datasheet HTML 15Page - STMicroelectronics L9908TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 152 page
background image
Symbol
Parameter
Test Condition
Min Typ Max Unit
Notes
SHS_N_AMR_DC_RES
SHS_n: DC voltage range in
RESET
VDD < VDD UV +
HYST
-0.3
-
95
V
[n=1,2,3]
SHS_N_AMR_DC
SHS_n: DC voltage range
VDD ≥ VDD UV +
HYST
-7
-
75
V
[n=1,2,3]
SHS_N_AMR_AC
SHS_n: transient voltage
range
VDD ≥ VDD UV +
HYST
t ≤ 200 ns
-14
-
95
V
[n=1,2,3] Not
subject to
production test
SHS_N_AMR_SR
SHS_n: transient slew rate
SR ≤ 1V/ns
-
-
20
V
[n=1,2,3] Not
subject to
production test
d_CBSN_GHSN_AMR
CBS_n - GHS_n: differential
voltage between CBS_n and
GHS_n terminals
-
-0.3
-
20
V
[n=1,2,3]
d_CBSN_SHSN_AMR
CBS_n - SHS_n: Differential
voltage between CBS_n and
SHS_n
-
-0.3
-
20
V
[n=1,2,3]
d_GHSN_SHSN_AMR_DC
GHS _n - SHS_n: Differential
DC voltage between GHS_n
and SHS_n
-
-0.3
-
20
V
[n=1,2,3]
d_GHSN_SHSN_AMR_AC
GHS _n - SHS_n: Differential
transient voltage between
GHS_n and SHS_n
t ≤ 200 ns; IGHS_n
≤ - 2A
-2
-
20
V
[n=1,2,3] Not
subject to
production test
d_VDH_SHSN_AMR_RES
VDH - SHS_n: Differential
voltage between VDH and
SHS_n in RESET
VDD < VDD UV +
HYST
-0.3
-
95
V
-
d_VDH_SHSN_AMR
VDH - SHS_n: Differential
voltage between VDH and
SHS_n
VDD ≥ VDD UV +
HYST
-14
-
95
V
[n=1,2,3]
GLS_N_AMR_RES
GLS_n: DC voltage range in
RESET
VDD < VDD UV +
HYST
-0.3
-
20
V
[n=1,2,3]
GLS_N_AMR
GLS_n: DC voltage range
VDD ≥ VDD UV +
HYST
-7
-
20
V
[n=1,2,3]
GLS_N_AMR_AC
GLS_n: transient voltage
range
VDD ≥ VDD UV +
HYST
t ≤ 200 ns
-14
-
20
V
[n=1,2,3] Not
subject to
production test
SLS_N_AMR_DC_RES
SLS_n: DC voltage range in
RESET
VDD < VDD UV +
HYST
-0.3
-
20
V
[n=1,2,3]
SLS_N_AMR_DC
SLS_n: DC voltage range
VDD ≥ VDD UV +
HYST
-7
-
20
V
[n=1,2,3]
SLS_N_AMR_AC
SLS_n: transient voltage
range
VDD ≥ VDD UV +
HYST
t ≤ 200 ns
-14
-
20
V
[n=1,2,3] Not
subject to
production test
d_VPRE_GLSN_AMR
VPRE - GLS_n: Differential
voltage between VPRE and
GLS_n
-
-0.3
-
35
V
[n=1,2,3]
d_VPRE_SLSN_AMR
VPRE - SLS_n: Differential
voltage between VPRE and
SLS_n
-
-0.3
-
35
V
[n=1,2,3]
d_GLSN_SLSN_AMR_DC
GLS_n - SLS_n: Differential
voltage between GLS_n and
SLS_n
-
0(1)
-
20
V
[n=1,2,3]
d_GLSN_SLSN_AMR_AC
GLS_n - SLS_n: Differential
voltage between GLS_n and
SLS_n
t ≤ 200 ns; IGLS_n
≤ - 2 A
-2(1)
-
20
V
[n=1,2,3] Not
subject to
production test
L9908
Absolute maximum ratings
DS13546 - Rev 5
page 12/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com