Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908TR Datasheet(PDF) 93 Page - STMicroelectronics

Part # L9908TR
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR Datasheet(HTML) 93 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 89Page - STMicroelectronics L9908TR Datasheet HTML 90Page - STMicroelectronics L9908TR Datasheet HTML 91Page - STMicroelectronics L9908TR Datasheet HTML 92Page - STMicroelectronics L9908TR Datasheet HTML 93Page - STMicroelectronics L9908TR Datasheet HTML 94Page - STMicroelectronics L9908TR Datasheet HTML 95Page - STMicroelectronics L9908TR Datasheet HTML 96Page - STMicroelectronics L9908TR Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 152 page
background image
Figure 68. OFD masking and deglitch filtering - LSn_OFD example
Figure 69. OFD masking and deglitch filtering - LSn_OFD example with multiple glitches
The T_ofd_blank can be configured by dedicated SPI bits as follows:
Table 86. OFD blanking time configuration bits
OFD_BLANK1
OFD_BLANK0
Description
0
0
T_ofd_blank = 10 ms
0
1
T_ofd_blank = 25 ms
1
0
T_ofd_blank = 50 ms (Default)
1
1
T_ofd_blank = 100 ms
L9908
Functional description
DS13546 - Rev 5
page 93/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com