Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908TR Datasheet(PDF) 79 Page - STMicroelectronics

Part # L9908TR
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR Datasheet(HTML) 79 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 75Page - STMicroelectronics L9908TR Datasheet HTML 76Page - STMicroelectronics L9908TR Datasheet HTML 77Page - STMicroelectronics L9908TR Datasheet HTML 78Page - STMicroelectronics L9908TR Datasheet HTML 79Page - STMicroelectronics L9908TR Datasheet HTML 80Page - STMicroelectronics L9908TR Datasheet HTML 81Page - STMicroelectronics L9908TR Datasheet HTML 82Page - STMicroelectronics L9908TR Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 152 page
background image
5.13.2.1
Low-pass filtering
The first operation performed is a 2nd order low-pass filtering on the raw ADC data accomplished by two
cascaded single pole filters with the same cut-off frequency.
Figure 53. Digital LP filtering simplified block diagram
The filter`s cut-off frequency can be configured through SPI as follows (setting is common for the three phases):
Table 73. Current monitors LP filtering configuration bits
CSM_LP_CFG2
CSM_LP_CFG1
CSM_LP_CFG0
Description
0
0
0
No filtering (Default)
0
0
1
91 kHz
0
1
0
37 kHz
0
1
1
17 kHz
1
0
0
8 kHz
1
0
1
4 kHz
1
1
0
2 kHz
1
1
1
1 kHz
5.13.2.2
Conversion sampling
Current monitor`s DSP allows two kinds of data flow toward the SPI register (digital format) and to D/A (analog
format):
•
Free running;
•
Track & Hold
Note:
Conversion sampling affects NO A/D operation whatsoever. Conversion sampling logic only defines how SPI
reg. and D/A output values have to be updated.
5.13.2.2.1
Free running
In Free Running mode the CSn_READ SPI registers and the CSOn voltage are continuously updated as soon as
A/D output words are available.
Free Running mode is enabled configuring signal CSM_SAMPLE_CFG = 000 in the register CHn_CFG2.
Note:
In the following timing diagrams, N-th A/D Out value corresponds to the SAR conversion value.
L9908
Functional description
DS13546 - Rev 5
page 79/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com