Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908TR Datasheet(PDF) 90 Page - STMicroelectronics

Part # L9908TR
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR Datasheet(HTML) 90 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 86Page - STMicroelectronics L9908TR Datasheet HTML 87Page - STMicroelectronics L9908TR Datasheet HTML 88Page - STMicroelectronics L9908TR Datasheet HTML 89Page - STMicroelectronics L9908TR Datasheet HTML 90Page - STMicroelectronics L9908TR Datasheet HTML 91Page - STMicroelectronics L9908TR Datasheet HTML 92Page - STMicroelectronics L9908TR Datasheet HTML 93Page - STMicroelectronics L9908TR Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 152 page
background image
Symbol
Parameter
Min Typ Max
Unit
Notes
1.2
1.2
1. Measurement setup: Tj = 25⁰C IS+n = IS-n, RLP = 1 kΩ; CLP = 270 pF; VOFS = 2.5 V. Measured after low pass filter.
5.14
Off-State diagnosis (OFD)
L9908 implements a monitoring unit to detect failure conditions affecting the load during the half bridge tristate
condition (VGHn - VSHn = 0 V and VGLn - VSLn = 0 V).
Load failure mode detection:
•
Open load at one of the SHS_n terminals;
•
Short-circuit to ground at one or multiple SHS_n terminals;
•
Short-circuit to battery at one or multiple SHS_n terminals.
Each error flag remains set until the failure condition is removed and the flag is cleared by the SPI command.
Figure 65. OFF State diagnosis simplified block diagram
The off state diagnosis unit is composed by a multiple force stage and a multiple monitor stage.
The force stage has the purpose of driving the state of each SHS_n terminal into a predetermined voltage
condition, any deviation from this condition is then detected by the monitor stage and interpreted as a faulty
condition.
The force stage is composed by a protected controlled pull-up/pull-down current source for each phase
respectively towards V3V3_A and SGND.
The monitor stage is composed by the LS VDS and the HS VDS comparators which compare the n-th phase
voltage with respectively OFD_SCB_TH and OFD_SCG_TH fixed thresholds.
The n-th phase OFD unit can be enabled/disabled by dedicated SPI bits as follows:
Table 84. OFD enable bits
OFDn_EN1
OFDn_EN0
Description
0
0
Off State diagnosis disabled (Default)
L9908
Functional description
DS13546 - Rev 5
page 90/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com