Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908TR Datasheet(PDF) 70 Page - STMicroelectronics

Part # L9908TR
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR Datasheet(HTML) 70 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 66Page - STMicroelectronics L9908TR Datasheet HTML 67Page - STMicroelectronics L9908TR Datasheet HTML 68Page - STMicroelectronics L9908TR Datasheet HTML 69Page - STMicroelectronics L9908TR Datasheet HTML 70Page - STMicroelectronics L9908TR Datasheet HTML 71Page - STMicroelectronics L9908TR Datasheet HTML 72Page - STMicroelectronics L9908TR Datasheet HTML 73Page - STMicroelectronics L9908TR Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 152 page
background image
STPn_VGS_CFG1
STPn_VGS_CFG0
Description
1
0
1 μs
1
1
1.5 μs
Table 67. Shoot-Through Protection accuracy
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
STP_pwm_tflt_acc
PWM Shoot-through Filter Time accuracy
CLK_SSM_EN = 0
-10
-
10
%
STP_vgs_tflt_acc
VGS Shoot-through Filter Time accuracy
CLK_SSM_EN = 0
-10
-
10
%
Note:
All parameters are guaranteed, and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
5.13
Current monitors
L9908 implements three identical and independent current monitor channels.
The motor current converted by an external shunts resistance into a differential voltage VIN is measured through
the input pins Isn+ and Isn- (VIN = Isn+ - Isn-).
A current sense amplifier (CSA) is used to amplify the ground referenced differential voltages then converted via
an internal 11-bit ADC. The current information is made available either in digital form through SPI register
readout or reconverted in analog form through an 11-bit DAC at CSO_n pin.
Figure 44. n-th Current Monitor Channel simplified block diagram
Each current monitor channel can be used to measure positive or negative motor current flow through single (DC
Link) or multiple (Single Leg) shunts system configurations.
Figure 45. External Shunts Configurations a) DC-Link, b) 2xSingle Leg + DC-Link, c) 3xSingle Leg
The specific n-th current monitor channel can be disabled by a dedicated SPI bit in the SAFETY_RELEVANT2
register, as follows:
L9908
Functional description
DS13546 - Rev 5
page 70/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com