Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908TR Datasheet(PDF) 95 Page - STMicroelectronics

Part # L9908TR
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR Datasheet(HTML) 95 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 91Page - STMicroelectronics L9908TR Datasheet HTML 92Page - STMicroelectronics L9908TR Datasheet HTML 93Page - STMicroelectronics L9908TR Datasheet HTML 94Page - STMicroelectronics L9908TR Datasheet HTML 95Page - STMicroelectronics L9908TR Datasheet HTML 96Page - STMicroelectronics L9908TR Datasheet HTML 97Page - STMicroelectronics L9908TR Datasheet HTML 98Page - STMicroelectronics L9908TR Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 152 page
background image
Figure 70. ON State Diagnosis simplified block diagram
Threshold configuration
The reference thresholds for the OND unit V_ond_th are generated through two 6-bit Current Steering DAC, one
for HS and one for LS FETs.
Diagnosis thresholds can be configured through dedicated SPI bits as follows:
VOND_TH_HS=ΔLSB×VDS_HS_TH5:0
(22)
VOND_TH_LS=ΔLSB×VDS_LS_TH5:0
(23)
Where: ΔLSB is the minimum voltage step and VDS_HS_TH/VDS_LS_TH [5:0] in the register GEN_CFG2 there
are the dedicated SPI configuration bits.
Default value is VDS_HS_TH = VDS_LS_TH = 0x00. The default code equals the first non-zero code 0x01 which
corresponds to a Vond_hs_th = 1LSB = 27 mV
Blanking and Filtering
The OND fault detection is based on the correlation between Vds voltage with the current conducted through
ohm`s law; it turns out that a correct detection can be performed only when Ext. FET is in full RdsON mode.
In order to prevent spurious short circuit detections due to an internal circuit voltage compression, the n-th OND
monitor circuit is masked by the VDH UV diagnosis assertion. During a VDH UV condition OND fault detection is
always prevented.
In order to prevent spurious short circuit detections due to a non-linear operation region, the n-th OND monitor
circuit is masked according to the internal n-th gate drive signal:
•
masking is removed after a programmable blanking time T_ond_blank from gate drive signal rising edge;
•
masking is re-activated soon after gate drive signal falling edge.
The T_ond_blank can be configured by dedicated SPI bits as follows:
Table 89. OND blanking time configuration bits
OND_BLANK2
OND_BLANK1
OND_BLANK0
Description
0
0
0
T_ond_blank = 0.7 μs
0
0
1
T_ond_blank = 1 μs
0
1
0
T_ond_blank = 1.5 μs (Default)
0
1
1
T_ond_blank = 2 μs
1
0
0
T_ond_blank = 2.5 μs
L9908
Functional description
DS13546 - Rev 5
page 95/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com