Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908TR Datasheet(PDF) 104 Page - STMicroelectronics

Part # L9908TR
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR Datasheet(HTML) 104 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 100Page - STMicroelectronics L9908TR Datasheet HTML 101Page - STMicroelectronics L9908TR Datasheet HTML 102Page - STMicroelectronics L9908TR Datasheet HTML 103Page - STMicroelectronics L9908TR Datasheet HTML 104Page - STMicroelectronics L9908TR Datasheet HTML 105Page - STMicroelectronics L9908TR Datasheet HTML 106Page - STMicroelectronics L9908TR Datasheet HTML 107Page - STMicroelectronics L9908TR Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 152 page
background image
TWN_CFG1
TWN_CFG0
Description
0
1
140 deg. (Default)
1
0
150 deg.
1
1
160 deg.
Figure 79. Junction temperature ranges
Temperature Range: Parametrical/Functional Range
L9908 is in NORMAL mode: Gate Driver Supply is active, Half Bridge Gate Drivers stage is enabled, monitoring
units are enabled and SPI registers are out of reset. No damage affects L9908 and no wrong operation takes
place. All static and dynamic parameters stay within specification limits.
Temperature Range: Critical OT Range
L9908 is set into SAFE- OFF mode: Gate Driver Supply is disabled, Half Bridge Gate Drivers stage is disabled.
No damage affects L9908 and no wrong operation takes place. Static and dynamic parameters may deviate from
specification limits.
Exposure to critical OT conditions for extended periods may affect device reliability.
Table 101. OTM electrical characteristics
Symbol
Parameter
Min
Typ
Max Unit
Notes
OTM_th
OTM detection threshold hysteresis
5
10
15
°C
Not subject to production test
T_otm_wr_flt
Thermal Warning filter time
10
20
30
μs
Digital Filter
T_otm_sd_flt
Thermal Shutdown filter time
7
13
17.5
μs
Digital Filter
OTM_readout_res
OTM Readout Resolution
-
8
-
-
Not subject to production test
OTM_readout_lsb
OTM Readout LSB
-
1.37
-
°C
Not subject to production test
OTM_acc
OTM ADC conversion accuracy
-5
-
5
°C
Temperature Read out accuracy
OTM-sr
OTM ADC sample rate
-
-
1
kHz Not subject to production test
T_otm_start_up
OTM ADC start up time
-
-
3
ms
Not subject to production test
Note:
All parameters are guaranteed, and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
5.20
Serial Peripheral Interface (SPI)
L9908 implements a standard 4-pin Serial Peripheral Interface (SPI) to access both IC configuration and
diagnosis/status registers up to 10 MHz Baud Rate (up/down-stream).
L9908
Functional description
DS13546 - Rev 5
page 104/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com