Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 120 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 116Page - STMicroelectronics L9908 Datasheet HTML 117Page - STMicroelectronics L9908 Datasheet HTML 118Page - STMicroelectronics L9908 Datasheet HTML 119Page - STMicroelectronics L9908 Datasheet HTML 120Page - STMicroelectronics L9908 Datasheet HTML 121Page - STMicroelectronics L9908 Datasheet HTML 122Page - STMicroelectronics L9908 Datasheet HTML 123Page - STMicroelectronics L9908 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 152 page
background image
Register name
Address
Field name
Type Bit offset Bit width Reset value Reset
SSR
UNUSED_2
RW
13
1
0x0
B
UNUSED_1
RW
12
1
0x0
B
UNUSED_0
RW
11
1
0x0
B
VBP_FLT_CFG
00: 12.25 μs (Defaults)
01: 25 μs
10: 50 μs
11: 100 μs
RW
9
2
0x0
B
VBP_OV_CFG
00: 12 V systems 1
01: 12 V systems 2
10: 24 V systems 1
11: 24 V systems 2 (Defaults)
RW
7
2
0x0
B
VBP_UV_CFG
00: 12 V systems (Defaults)
01: 24 V systems
10: 48 V systems
11: VBP UV disabled
RW
5
2
0x0
B
CRC
RW
0
5
0x17
B
Table 122. CH1_STATUS1
Register name
Address
Field name
Type
Bit offset
Bit width
Reset value
Reset
CH1_STATUS1
0x20
UNUSED_7
RO
15
1
0x0
A
NSR
UNUSED_6
RO
14
1
0x0
A
UNUSED_5
RO
13
1
0x0
A
UNUSED_4
RO
12
1
0x0
A
UNUSED_3
RO
11
1
0x0
A
UNUSED_2
RO
10
1
0x0
A
LS1_OFF
RO
9
1
0x0
A
HS1_OFF
RO
8
1
0x0
A
LS1_STB
CR
7
1
0x0
A
HS1_STG
CR
6
1
0x0
A
LS1_OFD
RO
5
1
0x0
A
HS1_OFD
RO
4
1
0x0
A
UNUSED_1
CR
3
1
0x0
A
STP_VGS_1
CR
2
1
0x0
A
STP_PWM_1
CR
1
1
0x0
A
UNUSED_0
RO
0
1
0x0
A
Table 123. CH1_STATUS2
Register name
Address
Field name
Type
Bit offset
Bit width
Reset value
Reset
CH1_STATUS2
0x21
UNUSED_0
RO
15
1
0x0
A
L9908
Functional description
DS13546 - Rev 5
page 120/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com