Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L9912
Description  Automotive vehicle conform car alternator regulator IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L9912 Datasheet HTML 44Page - STMicroelectronics L9912 Datasheet HTML 45Page - STMicroelectronics L9912 Datasheet HTML 46Page - STMicroelectronics L9912 Datasheet HTML 47Page - STMicroelectronics L9912 Datasheet HTML 48Page - STMicroelectronics L9912 Datasheet HTML 49Page - STMicroelectronics L9912 Datasheet HTML 50Page - STMicroelectronics L9912 Datasheet HTML 51Page - STMicroelectronics L9912 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
Warning, alarms and faults
L9912
48/84
DocID029639 Rev 2
6.2
Lamp
The dashboard lamp (L or LHC) is used to notify faulty events to the driver.
At start-up the lamp driver is, by default, switched on and must be switched off just after
crank.
The lamp must be activated if one or more of the following conditions are present:
Excitation overcurrent (signaled in register 0x12)
Battery overvoltage (signaled in register 0x12)
Discrepancy between the applied excitation and the effective field excitation. A short to
battery is not signaled by any flag of SPI registers but can be detected by comparing
the two excitations [5.3.11]
Phase error: persistent absence of phase signal [13.4.7]
Phase regulation error: a persistent phase regulation request [13.4.7]
Any of the above condition, before causing a lamp warning, must be confirmed for a lamp
confirmation time (hundreds of milliseconds).
When all above error conditions disappear, after a lamp-off confirmation time (hundreds of
microseconds), the lamp is switched off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com