Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912 Datasheet(PDF) 75 Page - STMicroelectronics

Part # L9912
Description  Automotive vehicle conform car alternator regulator IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button L9912 Datasheet HTML 71Page - STMicroelectronics L9912 Datasheet HTML 72Page - STMicroelectronics L9912 Datasheet HTML 73Page - STMicroelectronics L9912 Datasheet HTML 74Page - STMicroelectronics L9912 Datasheet HTML 75Page - STMicroelectronics L9912 Datasheet HTML 76Page - STMicroelectronics L9912 Datasheet HTML 77Page - STMicroelectronics L9912 Datasheet HTML 78Page - STMicroelectronics L9912 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 84 page
background image
DocID029639 Rev 2
75/84
L9912
SPI interface
83
13.4.16
CP-SPREAD-SPECTRUM & LIN SETTING register [0x08]
This register is used to activate/deactivate the spread spectrum strategy for the charge
pump module and to choose the relevant modulation frequency; it also contains some LIN
setting.
Table 59. CP-SPREAD-SPECTRUM & LIN SETTING register [0x08]
Bit
Bit Name
Reset
Value
Description
13
Reserved
-
-
12
WOBBLE_MODE_DIS
0
CP wobble mode disable:
0: Pseudo-random wobble is active, (Default)
1: Wobble mode is off
11
WOBBLE_FREQUENCY
0
CP wobble frequency selector:
0: 8 kHz (Default)
1: 16 kHz
10-5
Reserved
-
-
4
LIN_PU_DIS
0
LIN pull-up resistor disable bit:
0: LIN pull-up resistor is enabled (Default)
1: LIN pull-up resistor is disabled
3LIN_IN_USE (1)
0
LIN transceiver enable bit:
0: LIN transceiver is disabled (Default)
1: LIN transceiver is enabled. This mode is effective
only when respective OTP protection bit isn’t
programmed. OTP protection status can be acquired
by reading LIN_PROT_OTP bit in [0x1F] register
2
SPI_LINRX_ONLY
0
LIN receiver-only enable bit:
0: Both LIN receiver and transmitter are available
(Default)
1: LIN transmitter is unavailable
1
SPI_LINTX_TOUT (1)
1. In order to establish LIN traffic and related error handling it is mandatory LIN_IN_USE=1: write 0x0008 '
[0x08] register, SPI TX frame 0xA00008. Conversely SPI_LINTX_TOUT bit can be optionally set to enable
here below 12-ms LIN error handling features:
"LIN bus 12-ms permanent dominant, notified into LIN_PERM_DOM R/O bit in [0x12] register
"LIN TX dominant 12-ms time-out, notified into LIN_TX_DOM R/O bit in [0x12] register
In this case: write 0x000A ' [0x08] register, SPI TX frame 0xA0400A.
0
LIN TX dominant 12ms time-out enable bit:
0: LIN TX dominant time-out detection is disabled
(Default)
1: LIN TX dominant time-out detection is enabled
0
LINFLASH
0
LIN flash mode enable bit:
0: Flash mode is disabled (Default)
1: Flash mode is enabled. This mode allows to
increase standard high-speed data rate (>19.2kb/s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com