Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912 Datasheet(PDF) 79 Page - STMicroelectronics

Part # L9912
Description  Automotive vehicle conform car alternator regulator IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button L9912 Datasheet HTML 75Page - STMicroelectronics L9912 Datasheet HTML 76Page - STMicroelectronics L9912 Datasheet HTML 77Page - STMicroelectronics L9912 Datasheet HTML 78Page - STMicroelectronics L9912 Datasheet HTML 79Page - STMicroelectronics L9912 Datasheet HTML 80Page - STMicroelectronics L9912 Datasheet HTML 81Page - STMicroelectronics L9912 Datasheet HTML 82Page - STMicroelectronics L9912 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
DocID029639 Rev 2
79/84
L9912
SPI interface
83
Read phase register (0x13)
4C0000 025138
GSW: Key active
DATA: as before
Phase notification is no longer present because of
previous read operation. Data are not significant
Wait 22 ms (4 phase periods
plus a 2 ms margin)
Write 0x10 to unlock register
(0x01): unlock SW reset bit
840010 02C000
GSW:
– Key active
– Phase notification (new data available)
Write 0x10 to system
operation register (0x02): SW
reset cmd
880010 02C000
GSW:
– Key active
– Phase notification (new data available – reg
0x13 not read)
Remove L key
Write 1 to unlock register
(0x01): unlock stand by bit
840001 04C000
GSW:
– CP-LOW (because of prev SW reset)
– Phase notification (new data available – reg
0x13 not read)
Key flag no longer present
Write 1 to system operation
register (0x02): unlock stand
by bit
880001 04C000 See above
Table 62. SPI sequence examples (continued)
Operation
MOSI
MISO
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com