Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9912
Description  Automotive vehicle conform car alternator regulator IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9912 Datasheet HTML 20Page - STMicroelectronics L9912 Datasheet HTML 21Page - STMicroelectronics L9912 Datasheet HTML 22Page - STMicroelectronics L9912 Datasheet HTML 23Page - STMicroelectronics L9912 Datasheet HTML 24Page - STMicroelectronics L9912 Datasheet HTML 25Page - STMicroelectronics L9912 Datasheet HTML 26Page - STMicroelectronics L9912 Datasheet HTML 27Page - STMicroelectronics L9912 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 84 page
background image
Electrical specifications
L9912
24/84
DocID029639 Rev 2
26
tLINpd
TxD-to-LIN/BBS
transmitter
propagation delay
time
tLINpdf=t[0,45*V(LIN/BSS)] -
t[0,5*V(TxD)]
tLINpdr=t[0,55*V(LIN/BSS)] -
t[0,5*V(TxD)]
tLINpd=max(tLINpdr,tLINpdf)
V(A+/B+) = 12 V
(Rbus,Cbus) = (1 kΩ,1 nF),
(660 Ω,6.8 nF),
(500 Ω,10 nF)
--
10
µs
27
tLINpd_sym
tLINpd symmetry
(tLINpdr Vs. tLINpdf)
tLINpd_sym=tLINpdr-tLINpdf
-4
-
4
µs
28
D1
Duty cycle 1
THRec(max)=0,744*V(A+/B+)
THDom(max)=0,581*V(A+/B+)
V(A+/B+)={7, 18}V
tbit =50µs
D1=tbus_rec(min)/(2*tbit)
(Rbus,Cbus) = (1 kΩ,1 nF),
(660 Ω,6.8 nF), (500 Ω,10nF)
0.396
-
-
-
29
D2
Duty cycle 2
TTHRec(min)=0,284*V(A+/B+)
THDom(min)=0,422*V(A+/B+)
V(A+/B+) = {7.6, 18} V
tbit =50 µs
D2=tbus_rec(max)/(2*tbit)
(Rbus,Cbus) = (1 kΩ,1 nF),
(660 Ω,6.8 nF), (500 Ω,10nF)
--
0.581
-
30
D3
Duty cycle 3
THRec(max)=0,778*V(A+/B+)
THDom(max)=0,616*V(A+/B+)
V(A+/B+) = {7, 18}V
tbit =96µs;
D3 = tbus_rec(min)/(2*tbit);
(Rbus,Cbus) = (1 kΩ,1 nF),
(660 Ω,6.8 nF), (500 Ω,10nF)
0.417
-
-
-
31
D4
Duty cycle 4
THRec(min)=0,251*V(A+/B+)
THDom(min)=0,389*V(A+/B+)
V(A+/B+) = {7.6, 18}V;
tbit =96µs;
D4 = tbus_rec(max)/(2*tbit);
(Rbus,Cbus) = (1 kΩ,1 nF),
(660 Ω,6.8 nF), (500 Ω,10nF)
--
0.590
-
32
tdom(TXD)
TXD input dominant
time-out
--
12
-
ms
Table 14. Electrical characteristics pin "LIN/BSS" (continued)
\
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com