Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9912
Description  Automotive vehicle conform car alternator regulator IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9912 Datasheet HTML 32Page - STMicroelectronics L9912 Datasheet HTML 33Page - STMicroelectronics L9912 Datasheet HTML 34Page - STMicroelectronics L9912 Datasheet HTML 35Page - STMicroelectronics L9912 Datasheet HTML 36Page - STMicroelectronics L9912 Datasheet HTML 37Page - STMicroelectronics L9912 Datasheet HTML 38Page - STMicroelectronics L9912 Datasheet HTML 39Page - STMicroelectronics L9912 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 84 page
background image
Electrical specifications
L9912
36/84
DocID029639 Rev 2
9twait
Key presence
check time
interval
Lamp drive mode,
digital window time
-40
-
ms
10
tfilt
Key-on filter time
Both lamp and RVC drive modes
Analogue time
V(L) = V(A+/B+) = 12 V
-45
-
μs
11
VLHTh
High voltage
threshold key-
ON receiver
detector
-0.7
0.8
0.9
V
12
VLLTh
Low voltage
threshold key-
ON receiver
detector
-0.7
0.8
0.9
V
13
ILlamp,limLS
Low-side lamp
driver limitation
current
Lamp drive mode
V(L) = 12 V
0.5
-
1
A
14
ILRVC,limLS
(2)
Low-side RVC
driver limitation
current
RVC drive mode
V(L) = 5 V
70
-
150
mA
15
tLdelay
Turn-on delay
time
Both lamp and RVC drive modes
Analogue time
V(L) = 12 V
-
-
120
μs
16
tLOC
Maximum time
duration of low-
side linear
current limitation
Lamp drive mode
Digital window time
--
2
ms
17
Pretry (3)
Max power
dissipation
during retrying
period
For information only
-
-
300
mW
18
VHsat
Relay driver
saturation
voltage
I(L) = -0.3 A
-
-
1
V
19
ILOVCHS
High-side over-
current threshold
--1
-
-0.4
A
20
tLfilterHS
High-side over
current filter time
Analogue filter time
-
15
-
μs
Table 23. Electrical characteristics pin "L" (continued)
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com