Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9912
Description  Automotive vehicle conform car alternator regulator IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9912 Datasheet HTML 33Page - STMicroelectronics L9912 Datasheet HTML 34Page - STMicroelectronics L9912 Datasheet HTML 35Page - STMicroelectronics L9912 Datasheet HTML 36Page - STMicroelectronics L9912 Datasheet HTML 37Page - STMicroelectronics L9912 Datasheet HTML 38Page - STMicroelectronics L9912 Datasheet HTML 39Page - STMicroelectronics L9912 Datasheet HTML 40Page - STMicroelectronics L9912 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 84 page
background image
DocID029639 Rev 2
37/84
L9912
Electrical specifications
83
5.3.14
Pin "GHS" and "GLS"
Figure 16. External high current lamp pre-driver circuitry
A high current external MOS driver is available in case the lamp/relay system requires more
current than the internal MOS can deliver. The GHS and GLS pins are dedicated to drive the
external MOSs' gates providing the necessary current.
The gate-source-voltage of the external Power-MOS is limited by the driver circuit.
21
tLfilterLS
Low-side current
limitation filter
time
Analogue filter time
-
40
-
μs
22
VLrevHS
High-side
reverted bias
protection over-
drive
High-side turn-on
I(L)>ILpulldw to cause high-side turn-off
[i.e. V(L)-V(A+/B+)>0 V]
-550
-
mV
1. In Power Stand-by mode the pull-up current is -5µA,min.
2. In case of L pin used for RVC protocol (RVC drive mode) I(L)= 20mA,max.
3. The microcontroller application software must take care to respect the value in item #17
Table 23. Electrical characteristics pin "L" (continued)
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com