Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912 Datasheet(PDF) 71 Page - STMicroelectronics

Part # L9912
Description  Automotive vehicle conform car alternator regulator IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button L9912 Datasheet HTML 67Page - STMicroelectronics L9912 Datasheet HTML 68Page - STMicroelectronics L9912 Datasheet HTML 69Page - STMicroelectronics L9912 Datasheet HTML 70Page - STMicroelectronics L9912 Datasheet HTML 71Page - STMicroelectronics L9912 Datasheet HTML 72Page - STMicroelectronics L9912 Datasheet HTML 73Page - STMicroelectronics L9912 Datasheet HTML 74Page - STMicroelectronics L9912 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
DocID029639 Rev 2
71/84
L9912
SPI interface
83
13.4.13
WAKE-UP sources and DFM GEN setup register [0x04]
This register is used to configure DFM frequency and polarity [5.3.6] and to enable or
disable the wake-up sources.
4-2
EXTP_TONCURR
0
Turn on current strength [5.3.9]:
0: 0 mA
1: 1.65 mA
2: 3.3 mA
3: 4.95 mA
4: 6.6 mA
5: 8.25 mA
6: 9.0 mA
7: 11.55 mA
1-0
EXTP_VSCD
0
Overcurrent threshold value specified in
terms of voltages thresholds [5.3.9]:
0
0.5 V
1
1.0 V
2
1.5 V
3
2.0 V
1. Charge pump is not activated if an overvoltage/undervoltage condition is present.
2. Charge pump typically takes about 30 us to reach an active level; the application SW should monitor the
CP_LOW condition to verify the effective status of the circuitry.
Table 54. EXTERNAL POWER MOS register [0x03] (continued)
Bit
Register name
Reset value
Description
Table 55. WAKE-UP sources and DFM GEN setup register [0x04]
Bit
Register name
Reset value
Description
13
Reserved
-
-
12
WKUP_SOURCE_LIN_DISABLE
0
When set this bit prevent the LIN/BSS
receiver to generate a wake-up
11
WKUP_SOURCE_RC_DISABLE
0
When set this bit prevent the RC
receiver to generate a wake-up
10
WKUP_SOURCE_IGNIT_DISABLE
0
When set, this bit inhibits pin IGNIT to
generate a system wake-up
9
WKUP_SOURCE_LHC_DISABLE
0
When set, this bit inhibits pin LHC to
generate a system wake-up
8
WKUP_SOURCE_L_DISABLE
0
When set, this bit inhibits pin L to
generate a system wake-up
7
Reserved
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com