Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9912
Description  Automotive vehicle conform car alternator regulator IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9912 Datasheet HTML 18Page - STMicroelectronics L9912 Datasheet HTML 19Page - STMicroelectronics L9912 Datasheet HTML 20Page - STMicroelectronics L9912 Datasheet HTML 21Page - STMicroelectronics L9912 Datasheet HTML 22Page - STMicroelectronics L9912 Datasheet HTML 23Page - STMicroelectronics L9912 Datasheet HTML 24Page - STMicroelectronics L9912 Datasheet HTML 25Page - STMicroelectronics L9912 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
Electrical specifications
L9912
22/84
DocID029639 Rev 2
When the device is in Active mode through any other available wake-up source, the
LIN/BSS wake-up can be restored.
Compatible to LIN 2.1 for Baud rates up to 20 kBit/s (Up to 100 kbit/s for Flash Mode).
Table 14. Electrical characteristics pin "LIN/BSS"
\
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
LIN/BSS receiver
1VTXDLOW
TxD input voltage
dominant level
--
-
1.3
V
2VTXDHIGH
Input voltage
recessive level
-2.3
-
VDD
V
3VTXDHYS
TxD input hysteresis
-
-
0.5
-
V
4ITXDPU
TxD input pull-up
current
Active mode
Pull-up to internal 3.3-V
power rail
V(TxD)=V(GND)
ITXDPU=-3.3 V/100 kΩ
-60
-33
-5
µA
5
ITXDPD
TxD input pull-down
current
Power Stand-by mode
V(TxD) = VDD
533
60
µA
6VRXDLOW
TxD output voltage
dominant level
I(RxD) = 2 mA
-
0.2
0.5
V
7VRXDHIGH
TxD output voltage
recessive level
I(RxD) = 2 mA
VDD-0.4V
-
-
V
8VThdom
Receiver threshold
voltage recessive to
dominant state
V(A+/B+) =12 V
0.4
V(A+/B+)
0.45
V(A+/B+)
0.5
V(A+/B+)
V
9VThrec
Receiver threshold
voltage dominant to
recessive state
V(A+/B+) =12 V
0.5
V(A+/B+)
0.55
V(A+/B+)
0.6
V(A+/B+)
V
10
VThhys
Receiver threshold
hysteresis
V(B+/A+) =12 V,
VThrec – VThdom
0.07
V(A+/B+)
0.1
V(A+/B+)
0.175
V(A+/B+)
V
11
VThcnt
Receiver tolerance
center value
V(B+/A+) =12 V,
(VThrec + VThdom)/2
0.475
V(A+/B+)
0.5
V(A+/B+)
0.525
V(A+/B+)
V
12
VThwkup
Receiver wakeup
threshold voltage
Wake-up by LIN/BSS active,
Power Stand-by mode,
recessive-to-dominant edge,
V(A+/B+)-3.5 V<40 V
V(A+/B+)
-3.5
V(A+/B+)
-2.5
V(A+/B+)
-1.5
V
13
tlinbus
Time for wakeup via
bus
Wake-up by LIN/BSS active,
Power Stand-by mode,
recessive-to-dominant edge
-5-
µs
LIN/BSS DC parameters
14
ILINDomSC
Transmitter input
current limit in
dominant state
V(TxD)=VTXDLOW
V(LIN/BSS) =V(A+/B+) =33 V
40
100
180
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com