Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9912
Description  Automotive vehicle conform car alternator regulator IC
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9912 Datasheet HTML 24Page - STMicroelectronics L9912 Datasheet HTML 25Page - STMicroelectronics L9912 Datasheet HTML 26Page - STMicroelectronics L9912 Datasheet HTML 27Page - STMicroelectronics L9912 Datasheet HTML 28Page - STMicroelectronics L9912 Datasheet HTML 29Page - STMicroelectronics L9912 Datasheet HTML 30Page - STMicroelectronics L9912 Datasheet HTML 31Page - STMicroelectronics L9912 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
Electrical specifications
L9912
28/84
DocID029639 Rev 2
5.3.9
Pin "GATE"
The external power MOS provides a PWM regulated current to flow from the system battery
into the field coil for system voltage regulation. The GATE pin provides the necessary
current to turn-on and turn-off the external power MOS.
The gate-source-voltage of the external power MOS is limited by the driver circuit.
In order to drive different kinds of external power MOS and to adjust the gate currents
according to environmental changes (e.g. temperature, emission levels, excitation signal
edges duration) the gate charging and discharging currents are programmable via SPI,
register 0x03 [13.4.12].
When the voltage between DRAIN an SOURCE pins become greater than VSCdx the device
switches the external power MOS off, activating a fast gate discharging current.
Table 19. Electrical characteristics pin "GATE"
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Drivers for external high/low side power MOS
1IGHx(on)
Turn on current
(SOURCE stage)
Tj = 25 °C
-
0 -> -11.55,
-1.65 steps
-mA
1IGHx(off)
Turn off current
(SINK stage)
Tj = 25 °C
0 -> +11.55,
+1.65 steps
-mA
9VGHxH
High level voltage
V(A+/B+) = 6 V
V(SOURCE)
+7V
--
V
V(A+/B+) = 12 V
V(SOURCE)
+9
V(SOURCE)
+11
VSOURCE
+13
V
V(A+/B+) = 24 V
V(SOURCE)
+9
V(SOURCE)
+11
VSOURCE
+13
V
10
RGSHx
Gate-source passive
discharge resistance
--
100
-
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com