Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9935 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9935
Description  Two-phase stepper motor driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 6Page - STMicroelectronics L9935 Datasheet HTML 7Page - STMicroelectronics L9935 Datasheet HTML 8Page - STMicroelectronics L9935 Datasheet HTML 9Page - STMicroelectronics L9935 Datasheet HTML 10Page - STMicroelectronics L9935 Datasheet HTML 11Page - STMicroelectronics L9935 Datasheet HTML 12Page - STMicroelectronics L9935 Datasheet HTML 13Page - STMicroelectronics L9935 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Electrical specifications
L9935
10/29
Doc ID 5198 Rev 10
IHIGH
High input current
VHigh = VCC
-10
0
10
A
ILow
Low input current
VLow = 0 V
-3
-10
-30
A
Logic outputs (SDO)
VSDO,High
High output voltage
ISDO = -1 mA
VCC-1
VCC-
0.17
VCC
V
VSDO,Low
Low output voltage
ISDO = 1 mA
-
0.17
1
V
Oscillator
VOSC, H
High peak voltage
EN = LOW
2.2
2.46
2.6
V
VOSC, L
Low peak voltage
EN = LOW
1
1.23
1.4
V
IOSC
Charging/discharging current
-
45
62
80
A
fOSC
Oscillator frequency
COSC = 1 nF
20
25
31
kHz
tStart
Oscillator startup time
EN = High
Low
2/fosc
5/fosc
8/fosc
Thermal protection
TJ-OFF
Thermal shut-down
-
160
180
200
°C
Temperature
-
-
-
-
TJ-ALM
Thermal pre alarm
-
130
160
-
°C
T
MGN
Margin pre alarm/shut-down
-
10
20
30
K
1.
Currents of combinations LH and LL are sensed at the external resistors. The Current of bit combination HL is sensed
internally and cannot be adjusted by changing the sense resistors.
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com