Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9935 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9935
Description  Two-phase stepper motor driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Datasheet(HTML) 1 Page - STMicroelectronics

  L9935 Datasheet HTML 1Page - STMicroelectronics L9935 Datasheet HTML 2Page - STMicroelectronics L9935 Datasheet HTML 3Page - STMicroelectronics L9935 Datasheet HTML 4Page - STMicroelectronics L9935 Datasheet HTML 5Page - STMicroelectronics L9935 Datasheet HTML 6Page - STMicroelectronics L9935 Datasheet HTML 7Page - STMicroelectronics L9935 Datasheet HTML 8Page - STMicroelectronics L9935 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
September 2013
Doc ID 5198 Rev 10
1/29
1
L9935
Two-phase stepper motor driver
Features
■ 2 x 1.1 A full bridge outputs
■ Integrated chopping current regulation
■ Minimized power dissipation during flyback
■ Output stages with controlled output voltage
slopes to reduce electromagnetic radiation
■ Short-circuit protection of all outputs
■ Error-flag for over load, open load and over
temperature pre alarm
■ Delayed channel switch on to reduce peak
currents
■ Max. operating supply voltage 24 V
■ Standby consumption typically 40 µA
■ Serial interface (SPI)
Description
The L9935 is a two-phase stepper motor driver
circuit suited to drive bipolar stepper motors.
The device can be controlled by a serial interface
(SPI). All protections required to design a well
protected system (short-circuit, over temperature,
cross conduction etc.) are integrated.
PowerSO20
Table 1.
Device summary
Order code
Package
Packing
L9935
PowerSO20
Tube
L9935013TR
PowerSO20
Tape and reel
www.st.com


Similar Part No. - L9935

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9935 STMICROELECTRONICS-L9935 Datasheet
159Kb / 19P
TWO-PHASE STEPPER MOTOR DRIVER
10-Jan-2011
More results

Similar Description - L9935

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
2-PHASE STEPPER MOTOR DRIVER
logo
STMicroelectronics
L9935 STMICROELECTRONICS-L9935 Datasheet
159Kb / 19P
TWO-PHASE STEPPER MOTOR DRIVER
10-Jan-2011
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
2-Phase Stepper Motor Driver
logo
STMicroelectronics
AN2839 STMICROELECTRONICS-AN2839 Datasheet
1Mb / 40P
L6228 fully-integrated two-phase stepper motor driver
22-Sep-2009
logo
ON Semiconductor
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
2-phase Stepper Motor Driver
January, 2014 Ver. 2
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
logo
MotionKing Motor Indust...
2L110M MOTIONKING-2L110M Datasheet
272Kb / 5P
TWO-PHASE HYBRID STEPPER MOTOR DRIVER
2L542 MOTIONKING-2L542 Datasheet
229Kb / 5P
TWO-PHASE HYBRID STEPPER MOTOR DRIVER
2LA860 MOTIONKING-2LA860 Datasheet
574Kb / 9P
TWO-PHASE HYBRID STEPPER MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com