Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9935 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9935
Description  Two-phase stepper motor driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 8Page - STMicroelectronics L9935 Datasheet HTML 9Page - STMicroelectronics L9935 Datasheet HTML 10Page - STMicroelectronics L9935 Datasheet HTML 11Page - STMicroelectronics L9935 Datasheet HTML 12Page - STMicroelectronics L9935 Datasheet HTML 13Page - STMicroelectronics L9935 Datasheet HTML 14Page - STMicroelectronics L9935 Datasheet HTML 15Page - STMicroelectronics L9935 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Functional description
L9935
12/29
Doc ID 5198 Rev 10
5
Functional description
5.1
Basic structure
The L9935 is a dual full bridge driver for inductive loads with a chopper current regulation.
Outputs A1 and A2 belong to full bridge A Outputs B1 and B2 belong to full bridge B.
The polarity of the bridges can be controlled by bit0 and bit3 (for full bridge A, bit3, for full
bridge B, bit0). Bit5, bit4 (for full bridge A) and bit2, bit1 (for full bridge B) control the
currents. Bit3 high leads to output A1 high. Bit0 high leads to output B1 high.
Current setting Table 6 using a 0.33
 sense resistor.
Figure 4.
Typical average load current dependence on RSense
Table 6.
Current setting
bit5, bit2
bit4, bit1
IQX (Typ.)
IRX/max
Remark
H
H
0
0 %
-
H
L
60 mA
-
internally sensed
L
H
550 mA
61 %
-
L
L
900 mA
100 %
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com