Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9935 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9935
Description  Two-phase stepper motor driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 14Page - STMicroelectronics L9935 Datasheet HTML 15Page - STMicroelectronics L9935 Datasheet HTML 16Page - STMicroelectronics L9935 Datasheet HTML 17Page - STMicroelectronics L9935 Datasheet HTML 18Page - STMicroelectronics L9935 Datasheet HTML 19Page - STMicroelectronics L9935 Datasheet HTML 20Page - STMicroelectronics L9935 Datasheet HTML 21Page - STMicroelectronics L9935 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Functional description
L9935
18/29
Doc ID 5198 Rev 10
5.10.1
Over temperature pre alarm
Typically 20K before thermal shut down takes place an over temperature pre alarm (bit7 and
bit6 low) takes place. Typically over temperature pre alarm temperature is between 150 °C
and 160 °C.
5.11
Application hints using a high resistive stepper motor
The L9935 was originally targeted on stepper chopping stepper motor application with
typical resistances of 8..12
. Using motors with higher resistance will work too but
diagnosis behavior will slightly change. This paragraph shows the details that should be
taken in account using diagnosis for high resistive motors.
5.11.1
Startup behavior
The device has simple digital filter to avoid triggering diagnosis at a single event that could
be random noise. This digital filter needs 4 chopping pulses to settle. Using a high resistive
motor this chopping does not take place. Instead the digital filter samples each time a
polarity change takes place. So the first three response telegrams after reset may show an
’open load’ error.
H means check for HIGH at the error bits.
X means don’t care because filter is not yet settled.
Using 75 mA chopping immediately after stand by:
The high resistive motor can be forced to chopping operation in the low current range. This
leads to the same behavior as using a low resistive motor.
Short to VS detection using high resistive motors:
The short to VS flag is overwritten each time the chopper comparator responds. Having
detected a short this flag only can be reset by reaching chopping operation or resetting the
circuit (ENN=1). For a high resistive motor this leads to the following consequence: Once a
short to VS is detected the error flag will persist even if the short is removed again until
either a reset (ENN=1) or chopping (for example in 75mA mode) has taken place. We
suggest to return to operation once a short to VS was detected by using the low current
mode to reset the flag.
Table 7.
High and low resistive motor (error bits)
Input data
High resistive motor
(error bits)
Low resistive motor
(error bits)
Standby
-
-
1st telegram (550 mA or 900 mA)
HH
HH
Reverse phase (550 mA or 900 mA)
XH
HH
Reverse phase (550 mA or 900 mA)
XH
HH
Any data
XH
HH
Any data
HH
HH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com