Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9935 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9935
Description  Two-phase stepper motor driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 12Page - STMicroelectronics L9935 Datasheet HTML 13Page - STMicroelectronics L9935 Datasheet HTML 14Page - STMicroelectronics L9935 Datasheet HTML 15Page - STMicroelectronics L9935 Datasheet HTML 16Page - STMicroelectronics L9935 Datasheet HTML 17Page - STMicroelectronics L9935 Datasheet HTML 18Page - STMicroelectronics L9935 Datasheet HTML 19Page - STMicroelectronics L9935 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Functional description
L9935
16/29
Doc ID 5198 Rev 10
next data transfer took place. After detection of a short to VS we suggest to turn off the
corresponding bridge to reduce power dissipation for at least 1ms.
5.5
Diagnosis of a short to VS
During the short current through the sink transistor will rise more rapidly than under normal
load conditions. Reaching a peak current of 1.5 times the maximum PWM current between
typically 2 µs and 5 µs
after turn on will be detected as a short to VS.
Detecting a short the low side transistor will try to turn on again the next 7 trigger pulse of
the oscillator.
Simultaneously the error flag will updated on each pulse.
Figure 8.
Normal PWM current versus short circuit current and detection of short
to VS
Between ton and tshort the over current detection is totally blanked.
Between tshort and tPWM the current threshold is set to 1.5 times the maximum PWM current
(1.5 times the current of current setting LL).
Overcurrent now will set the error flag.
After tPWM the current threshold is the nominal PWM current set by the external resistor.
Exceeding this current will just turn off the sink transistor. This is considered as normal
operation. The error flag is detached from the comparator after tPWM so no error flag is set
during normal pulse width modulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com