Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9935 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9935
Description  Two-phase stepper motor driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 17Page - STMicroelectronics L9935 Datasheet HTML 18Page - STMicroelectronics L9935 Datasheet HTML 19Page - STMicroelectronics L9935 Datasheet HTML 20Page - STMicroelectronics L9935 Datasheet HTML 21Page - STMicroelectronics L9935 Datasheet HTML 22Page - STMicroelectronics L9935 Datasheet HTML 23Page - STMicroelectronics L9935 Datasheet HTML 24Page - STMicroelectronics L9935 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
L9935
Functional description
Doc ID 5198 Rev 10
21/29
5.14
Test condition for all propagation times
Unless otherwise specified) HIGH
 3 V; LOW  0.8 V; t
r, tf = 10 ns;
Enable: ENN Low < 0.8 V, ENN High > VCC -0.8 V
Table of bits
bit5,bit4:
current range of bridge A (Outputs A1 and A2)
bit3:
polarity of bridge A
bit2,bit1:
current range of bridge B (Outputs B1 and B2)
bit0:
polarity of bridge B
bit7,bit6:
Error1 and Error 2
Table 9.
Test condition for all propagation times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
fSCLK
SCK-Frequency
-
DC
-
2MHz
-
t1
SCK stable before and after
CSN = 0
-100
-
-
ns
tch
Width of SCK high pulse
-
200
-
-
ns
tcl
Width of SCK low pulse
-
200
-
-
ns
tsu
SDI setup time
-
80
-
-
ns
tsh
SDI hold time
-
80
-
-
ns
td
SDO delay time (CL = 50pF)
-
-
100
-
ns
tzc
SDO high Z CSN high
-
-
100
-
ns
ten_sck
Setup time ENABLE to SCK
HIGH > VCC-1.2 V
30
-
-
s
tpd
Propagation delay SPI to output
QXX
--
2(1)
-
s
1.
Measured at a transition from High impedance (Bridge off) to bridge on. (Reversing polarity takes about 1ms longer
because the bridge first turns off before turning on in reverse direction).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com