Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9935 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9935
Description  Two-phase stepper motor driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 13Page - STMicroelectronics L9935 Datasheet HTML 14Page - STMicroelectronics L9935 Datasheet HTML 15Page - STMicroelectronics L9935 Datasheet HTML 16Page - STMicroelectronics L9935 Datasheet HTML 17Page - STMicroelectronics L9935 Datasheet HTML 18Page - STMicroelectronics L9935 Datasheet HTML 19Page - STMicroelectronics L9935 Datasheet HTML 20Page - STMicroelectronics L9935 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
L9935
Functional description
Doc ID 5198 Rev 10
17/29
5.6
Short from an output to ground
The current through the short will be detected by the protection of the source transistor. The
source transistor will turn off exceeding a current of typically 1.8 A. Minimum overload
detection current is 1.2 A. To obtain proper current regulation (by the sink transistors and not
by source transistor shut down) the maximum current of the PWM regulator should be set to
a maximum value of 1.1 A.
5.7
Diagnosis of a short to ground
Detecting an overload will set an overcurrent error (Error2 = LOW) (bit6). To reset the error
flag a new byte must be written into the interface. (Reset of the error flag takes place at the
rising slope of CSN).
5.8
Shorted load
With a shorted load both, the sink- and the source protection or the PWM alone will
respond. In either case there will be no flyback pulse.
5.9
Diagnosis of a shorted load
Shorting the load two events may take place:
–
overload (of the high side transistor) while low side transistor overcurrent is
detected will set the following combinations:
bit6 = LOW
bit7 = HIGH
–
overload is marginal. So the low side driver may turn off before overload is
detected. This leads to the combination bit6 = HIGH and bit7 = LOW.
5.10
Open load
An open load will not lead to any flyback pulses. Error detection will take advantage of the
flyback pulse. Missing the flyback pulse after reversing the polarity of a motor winding bit7
will become LOW.
Open load will not be tested in the low current mode (current bits HL) to avoid the risk of
instable diagnosis at low flyback currents. Open load immediately after reset or power down
may on random be detected in the low current mode too. This diagnosis however will not
persist longer than 8 changes of polarity.
We strongly suggest to test open load at a high current mode (combination LL).
While circuit clock speed passes the stepper motor resonant points during
acceleration/deceleration phase, it can happen that flyback energy is temporarily insufficient
for a proper open load detection. Under specific circumstances, pending on motor and load
characteristics, this could lead to sporadic faulty open load error messages despite proper
system operation. The recommended solution is an appropriate software filter approach.
A detailed description is available in the application note AN2378 on www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com