Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9935 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9935
Description  Two-phase stepper motor driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 21Page - STMicroelectronics L9935 Datasheet HTML 22Page - STMicroelectronics L9935 Datasheet HTML 23Page - STMicroelectronics L9935 Datasheet HTML 24Page - STMicroelectronics L9935 Datasheet HTML 25Page - STMicroelectronics L9935 Datasheet HTML 26Page - STMicroelectronics L9935 Datasheet HTML 27Page - STMicroelectronics L9935 Datasheet HTML 28Page - STMicroelectronics L9935 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
L9935
Functional description
Doc ID 5198 Rev 10
25/29
5.17
Electromagnetic emission classification (EME)
Electromagnetic emission classes presented below are typical data found on bench test. For
detailed test description please refer to ’Electromagnetic Emission (EME) Measurement of
Integrated Circuits, DC to 1GHz’ of VDE/ZVEI work group 767.13 and VDE/ZVEI work group
767.14 or IEC project number 47A 1967Ed. This data is targeted to board designers to allow
an estimation of emission filtering effort required in application.
Electromagnetic emission is not tested in production.
Figure 13.
State diagram
Remark:
Return to standby is possible from every state
Note:
Reversing polarity in low current mode no flyback check will be performed.
Table 12.
Electromagnetic emission
Pin
EME class
Remark
GND
E
10
0
1
 test
VCC
E
-
e
Blocked with 100nF close in to the device
EN. SDI, CSN, CSK, SDO in
tristate
K
-
h
-
SDO
G
-
f
SDO in low-Z state, no data transfer
Power output A1, A2, B1, B2
E
5
f
Sourcing output
Power output A1, A2, B1, B2
-6
f
Sinking output in chopping mode
fosc = 20 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com