Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9935 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9935
Description  Two-phase stepper motor driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 15Page - STMicroelectronics L9935 Datasheet HTML 16Page - STMicroelectronics L9935 Datasheet HTML 17Page - STMicroelectronics L9935 Datasheet HTML 18Page - STMicroelectronics L9935 Datasheet HTML 19Page - STMicroelectronics L9935 Datasheet HTML 20Page - STMicroelectronics L9935 Datasheet HTML 21Page - STMicroelectronics L9935 Datasheet HTML 22Page - STMicroelectronics L9935 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
L9935
Functional description
Doc ID 5198 Rev 10
19/29
5.12
Limitation of the diagnosis
The diagnosis depends on either detecting an overcurrent of more than typically 1.8 A
through the source transistor or on not detecting a flyback pulse, or on detecting severe
overcurrents of the sink transistor immediately after turn on.
●
Small currents bypassing the load will not be detected.
●
In the low current range (hold current) the flyback pulse (especially commutating
against the supply voltage after changing phase) may (depending on the inductivity of
the stepper motor windings) be too short to be detected correctly. For this reason
diagnosis using the flyback pulse is blanked at phase reversal at hold current.
●
In the low current range (hold current) the current capability of the bridge is reduced on
purpose. Short to VS may not be detected. In stead the bridge may just chop like
normal operation.
●
Flyback pulse detection is not blanked during PWM regulation at hold current (here
commutation voltage is less than 1V thus providing a longer pulse duration.) This
however should be taken in account using stepper motors with low inductivity (less than
0.5mH). Using motors with such a low inductivity the flyback voltage in hold mode may
decay too fast.
●
Motors with extremely low ohmic resistance tend to pump up the current because
current decay during flyback approaches zero while at bridge turn on the current will
increase. This may lead to overcurrent detection. We suggest to use stepper motors
with an ohmic resistance of approximately 3
 or more.
Partial shorts of windings or shorts of stepper motors with coils in series may still yield a
flyback pulses that are accepted by the diagnosis as a proper signal.
At stepping rates faster than 1ms/data transfer error flags indicating a short should be used
to initiate a pause of at least 1ms to allow the power bridges to cool down again.
5.13
Serial data interface (SPI)
The serial data interface itself consists of the pins SCL (serial clock), SDI (serial data input)
and SDO (serial data output).
To especially support bus controlled applications the additional signals EN (chip enable not)
and CSN (chip select not) are available.
Table 8.
Diagnosis description - bit7 and bit6
Error 1 bit7 Error 2 bit6
Description
H
H
Normal operation
L
H
Short to VS (sink overload immediately after turn on) shorted load (no
flyback) open load (no flyback)
H
L
short to gnd (source overload, missing flyback is masked)
L
L
over temperature pre alarm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com