Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969T Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9969T
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969T Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9969T Datasheet HTML 40Page - STMicroelectronics L9969T Datasheet HTML 41Page - STMicroelectronics L9969T Datasheet HTML 42Page - STMicroelectronics L9969T Datasheet HTML 43Page - STMicroelectronics L9969T Datasheet HTML 44Page - STMicroelectronics L9969T Datasheet HTML 45Page - STMicroelectronics L9969T Datasheet HTML 46Page - STMicroelectronics L9969T Datasheet HTML 47Page - STMicroelectronics L9969T Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
MSB
TRANS_F = 1: Error detected during previous transfer (regarding the actual device, that is: chip address
valid)
3.2.7.6
SPI registers overview
In Table 28 all the commands to access the SPI registers are summarized.
Table 28. SPI registers overview
Command
INST[7..0]
Description
RD_ID
0000 0100
Read device ID
RD_REV
0000 0110
Read device Revision
RD_DIA1
0001 0000
Read power stage diagnostic information (1)
RD_DIA2
0001 1000
Read power stage diagnostic information (2)
RD_CONFIG
0000 1000
Read power stage configuration
RD_STATCON
0000 1100
Read VDD monitoring status
RD_SPECIAL
0000 1110
Read information from SPECIAL
WR_DIA1
0011 0000
Write special bits in DIA1
WR_DIA2
0011 1000
Write special bits in DIA2
WR_CONFIG
0010 1000
Write power stage configuration
WR_STATCON
0010 1100
Write VDD monitoring status
WR_SPECIAL
0010 1110
Write information to SPECIAL
All other
00xx xxxx
Unused, TRANS_F is set to high,
ff hex is sent as data bits
The SFR list describes all the different reset sources. On every SPI register detail, in the next paragraphs, the
values of the reset sources after the different resets are also shown.
Table 29. SFR List description
Reset Sources
POR
Reset after VDD is rising above VDD_POR threshold after the ASIC was disabled during VDD undervoltage.
SPIR
Reset activated by set the bit CONFIG_REG.RESET=’0’ via SPI
ENDISR
Reset by disable-enable sequence via ABE or DIS Signal (edge triggered)
DISR
Reset by disabling the power stage (DIS or ABE level triggered)
DIACLR1 Reset by setting the bit STATCON_REG.DIACLR1=’0’
DIACLR2 Reset by setting the bit STATCON_REG.DIACLR2=’0’
RDR
Reset after SPI Read out of the Register
Reset behavior of the Register content
1
Bit will be changed to ‘1’
0
Bit will be changed to ‘0’
x
No change of the bit content
3.2.7.6.1
Device identifier
The H-bridge’s identifier is used for production test purposes and features plug and play functionality depending
on the systems software release. It is made up of a device-number and a revision number each one read-only
accessible via standardized instructions.
L9969x
Functional description
DS14029 - Rev 6
page 44/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com