Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969T Datasheet(PDF) 54 Page - STMicroelectronics

Part # L9969T
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969T Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L9969T Datasheet HTML 50Page - STMicroelectronics L9969T Datasheet HTML 51Page - STMicroelectronics L9969T Datasheet HTML 52Page - STMicroelectronics L9969T Datasheet HTML 53Page - STMicroelectronics L9969T Datasheet HTML 54Page - STMicroelectronics L9969T Datasheet HTML 55Page - STMicroelectronics L9969T Datasheet HTML 56Page - STMicroelectronics L9969T Datasheet HTML 57Page - STMicroelectronics L9969T Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
3.2.7.8
Logic inputs and outputs
Figure 31. Inputs/outputs of the H-bridge
DIS
SO
SI
SCK
PWM
DIR
VDD
VS
GND
ABE
SS
&
Result of
RD_DIA
command
Logic
and
SPI
MUX
Internal supply
≥1
with undervoltage
detection
SPI reset
Supply with
undervoltage
detection
Enable
Reset of
diagnostic
Diagnostic
Control
H-bridge
Note:
•
Both NABE and DIS release the power stages.
•
VDD monitoring sets NABE → low, in case VDD is out of the operational range.
3.2.7.8.1
Logic I/O electrical characteristics
Table 43. Logic I/O electrical characteristics
Symbol
Parameter
Condition
Min Typ
Max
Unit
Pin DIR, PWM
VINx_L
input low level
-
-0.3
-
0.8
V
VINx_H
input high level
-
2.0
-
VDD + 0.3
V
VINx_HYS input hysteresis
-
0.15
-
1.0
V
IpuINx
Pullup current
VINx = 0 V
20
40
60
µA
IINx
input current VINx > 3.0 V (without Pull Up)
-
-5
-
+5
µA
CINx
Input capacity
-
-
-
20
pF
Pin DIS
VDIS_L
input low level
-
-0.3
-
0.8
V
VDIS_H
input high level
-
2.0
-
VDD + 0.3
V
VDIS_HYS input hysteresis
-
0.15
-
1.0
V
IPUDIS
Pullup current
0 V < VDISx < 2.1 V 50 100
150
µA
L9969x
Functional description
DS14029 - Rev 6
page 54/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com