Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969T Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9969T
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969T Datasheet(HTML) 1 Page - STMicroelectronics

  L9969T Datasheet HTML 1Page - STMicroelectronics L9969T Datasheet HTML 2Page - STMicroelectronics L9969T Datasheet HTML 3Page - STMicroelectronics L9969T Datasheet HTML 4Page - STMicroelectronics L9969T Datasheet HTML 5Page - STMicroelectronics L9969T Datasheet HTML 6Page - STMicroelectronics L9969T Datasheet HTML 7Page - STMicroelectronics L9969T Datasheet HTML 8Page - STMicroelectronics L9969T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
Features
•
AEC-Q100 qualified
•
Full path RDS(on) less than 540 mΩ
•
Nominal continuous load current > 3 A
•
Operating battery supply voltage 4.5 V to 28 V
•
Operating VDD supply voltage 4.5 V to 5.5 V
•
All ECU internal pins can withstand up to 18 V
•
Output switching frequency up to 20 kHz
•
Monitoring of VDD supply voltage including bidirectional switch-off pin NABE
•
Overtemperature and short-circuit protection
•
Full diagnosis capability
•
Output stage with SPI-adjustable current limitation 5-8.6 A in 3 steps (two-point
regulation)
•
Fast switch-off open-drain input/output
•
Current-monitoring with current feedback output signal CF
•
Reliable full diagnostic capability
•
Settable chip-address via bond-wire configuration on the silicon or E-Fuse
•
SPI-interface for configuration and diagnosis
•
Error history in diagnosis register
•
Two independent enable pins: "NABE" and "DIS"
•
Control of power stages by SPI or two input signals, PWM and DIR
(configurable via SPI)
•
Logic levels 5 V compatible
•
Conformity to improved EMC requirements due to smart H-bridge switching
•
Full ISO 26262 compliant, ASIL-B (D) systems ready
Description
L9969S/L9969U and L9969T are single and dual integrated H-bridges for resistive
and inductive loads featuring output current direction and supervising functions.
The PowerSSO24 houses one full H-bridge, while the PowerSSO36 houses both two
H-bridges that can work in parallel, through independent input driving commands.
Target application ranges from throttle control actuators to exhaust gas recirculation
control valves in automotive domain to a more general use to drive DC and Stepper
motors.
PowerSSO24
PowerSSO36
Product status links
L9969S
L9969T
L9969U
Product summary
Order code
Package
Packing
L9969S
PSSO24
Tape and reel
L9969T
PSSO36
L9969U
Automotive chip for single and dual H-bridge
L9969x
Datasheet
DS14029 - Rev 6 - October 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L9969T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9969T STMICROELECTRONICS-L9969T Datasheet
1Mb / 70P
Automotive chip for single and dual H-bridge
16-Nov-2022
More results

Similar Description - L9969T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33486 MOTOROLA-MC33486 Datasheet
392Kb / 9P
Dual High Side Switch for H-Bridge Automotive Applications
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
TLE7182EM INFINEON-TLE7182EM Datasheet
604Kb / 28P
H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
logo
STMicroelectronics
VNH7013XPTR-E STMICROELECTRONICS-VNH7013XPTR-E Datasheet
768Kb / 24P
Automotive integrated H-bridge
20-Jan-2012
L9959 STMICROELECTRONICS-L9959 Datasheet
828Kb / 49P
Single and dual PMOS high-side H-bridge
28-Oct-2015
L9959S STMICROELECTRONICS-L9959S Datasheet
1Mb / 43P
Single and dual PMOS high-side H-bridge
L9960 STMICROELECTRONICS-L9960 Datasheet
1Mb / 95P
Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
02-Feb-2021
L99H02 STMICROELECTRONICS-L99H02 Datasheet
1Mb / 51P
H-bridge gate driver for automotive applications
24-Feb-2021
VNH9013Y STMICROELECTRONICS-VNH9013Y Datasheet
920Kb / 23P
Automotive integrated H-bridge
17-Jan-2017
L9969X STMICROELECTRONICS-L9969X Datasheet
1Mb / 70P
Automotive chip for single and dual H-bridge
16-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com