Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969T Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9969T
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969T Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9969T Datasheet HTML 30Page - STMicroelectronics L9969T Datasheet HTML 31Page - STMicroelectronics L9969T Datasheet HTML 32Page - STMicroelectronics L9969T Datasheet HTML 33Page - STMicroelectronics L9969T Datasheet HTML 34Page - STMicroelectronics L9969T Datasheet HTML 35Page - STMicroelectronics L9969T Datasheet HTML 36Page - STMicroelectronics L9969T Datasheet HTML 37Page - STMicroelectronics L9969T Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
Table 21. Short circuit detection parameters
Symbol
Parameter
Condition
Min Typ Max Unit
I_ouk_2 Overcurrent detection at CL = 2
Short Circuit to Ground or
Battery or Across Load
4.9
-
8.2
A
I_ouk_3 Overcurrent detection at CL = 3 (default)
Short Circuit to Ground or
Battery or Across Load
6.7
-
11.1
A
I_ouk_4 Overcurrent detection at CL = 4
Short Circuit to Ground or
Battery or Across Load
8.4
-
14
A
∆|IOUK| Short circuit current tracking |IOUK| - |Current Limit IL|
-
0.3
-
-
A
t DF_H Delay time for fault detection
0.5 Ω at 25 μH
1
2
-
µs
t DF_off Time from detected fault to high impedance of outputs
0.5 Ω at 25 μH
-
-
6
µs
tDF_del
Free-wheeling time. Time for the delayed switch off
between the switch off of both outputs after a detected
short circuit at one output
-
20
-
200
µs
t SC
Timeout during reconfirmation sequence
-
290 350 413
µs
tretest
Duration of the switch on/switch off sequence of OUTx after
a detected short circuit at one output
-
290 350 413
µs
Each error has to be confirmed before being stored in the DIA_REG1.
3.2.6.6
Short circuit across load
In case of a short circuit across load, it is possible that two failures are detected at the same time (but not
necessarily): a short to ground on one side and a short to battery on the other side. The HBR has to run a
sequence internally, if there is only a single short circuit to ground on the high-side switch or a single short circuit
to VS on the low side switch or if there is really a short circuit across the load. This sequence is executed every
time a single short cut is detected, to prevent a false error reporting. The SCL algorithm should look as follows
(see Figure 21).
Figure 21. Principle of the short circuit across load detection
When an error was detected at any output pin the output stages are turned off immediately.
Below, some examples of how the SCL detection procedure works.
L9969x
Functional description
DS14029 - Rev 6
page 34/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com