Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969T Datasheet(PDF) 55 Page - STMicroelectronics

Part # L9969T
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969T Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L9969T Datasheet HTML 51Page - STMicroelectronics L9969T Datasheet HTML 52Page - STMicroelectronics L9969T Datasheet HTML 53Page - STMicroelectronics L9969T Datasheet HTML 54Page - STMicroelectronics L9969T Datasheet HTML 55Page - STMicroelectronics L9969T Datasheet HTML 56Page - STMicroelectronics L9969T Datasheet HTML 57Page - STMicroelectronics L9969T Datasheet HTML 58Page - STMicroelectronics L9969T Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
Symbol
Parameter
Condition
Min Typ
Max
Unit
IDISx
input current VDIS > 3.0 V (without Pull Up)
-
-5
-
5
µA
CDIS
Input capacity
-
-
-
20
pF
tDIS
DIS pulse width pin DIS requires min. low level pulse width for
setting/resetting SPI bits or diagnostic information
-
0.5
1
1.5
µs
Disturbance of input pin
∆Vx_L
∆Vx_H
Change of input low or high level of input pins in case of
inverse current on VS
-
-0.1
-
0.1
V
∆Ix
Change of input low or high level of input pins in case of
inverse current on VS
-
-100
-
100
µA
3.2.7.9
TEST pin
TEST pin is a high-voltage-driven input, exclusively used to provide one of the mandatory conditions in order to
enter IC factory test-mode; externally providing a minimum required voltage value to TEST pin is not enough to
successfully enter IC test-mode, as many other software conditions have to be met as well.
TEST pin input circuitry is provided with an internal resistive pull-down path to AGNDx ground, ensuring that input
buffer does not provide wrong/uncertain information to the logic section in case TEST pin is left floating; thus, in
ECU normal operation scenario, TEST pin can be either left open or connected to AGNDx ground (suggested
implementation).
Table 44. TEST pin electrical characteristics
Symbol
Parameter
Condition Min Typ Max Unit
Pin
VTEST_NOTM_MAX
TEST pin maximum allowed voltage in order to avoid IC
test-mode activation
-
9
-
-
V
TEST
L9969x
Functional description
DS14029 - Rev 6
page 55/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com