Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969T Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9969T
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969T Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9969T Datasheet HTML 28Page - STMicroelectronics L9969T Datasheet HTML 29Page - STMicroelectronics L9969T Datasheet HTML 30Page - STMicroelectronics L9969T Datasheet HTML 31Page - STMicroelectronics L9969T Datasheet HTML 32Page - STMicroelectronics L9969T Datasheet HTML 33Page - STMicroelectronics L9969T Datasheet HTML 34Page - STMicroelectronics L9969T Datasheet HTML 35Page - STMicroelectronics L9969T Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
5 V < VBATT < 18 V, 4.5 V < VDD < 5.5 V, TJ= -40 °C to 150 °C, unless otherwise specified.
Table 19. Time between transients
Symbol
Parameter
Condition
Min
Typ
Max
Unit
ttrans_lim
Time between two transients
-
90
-
130
µs
3.2.6.3
Temperature-Dependent Current Reduction (TDCR)
For TILR < TJ < TSD the current limit level IL decreases from its nominal value (for example typ. 6.6 A for current
level 3) down to 2.5 A ± 1.1 A as shown in Figure 19.
Figure 19. Temperature-Dependent Current Reduction (TDCR)
IOUT
TJ/°C
IL
TILR
TSDmin TSDmax
IL_TSD
5 V < VBATT < 18 V, 4.5 V < VDD < 5.5 V, TJ= -40 °C to 150 °C, unless otherwise specified.
Table 20. TDCR parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IL
Current limit at TSD
-
1.4
2.5
3.6
A
TILR
Start of temperature dependent current reduction
-
150
165
-
°C
TSD
thermal shut-down
-
175
190
-
°C
TSD - TILR
Range of temperature dependent current reduction
-
20
25
30
°C
3.2.6.4
Behavior on faults in general
These are the kind of faults that L9969 is able to detect:
•
Faults detected in active or in inactive mode: Open Load (OL), Over Temperature (OT), Undervoltage at Vs
(VUF).
•
Faults detected in active mode only: Short to GND at OUT1 (SCGOUT1), Short to GND at OUT2
(SCGOUT2), Short to BAT at OUT1 (SCBOUT1), Short to BAT at OUT2 (SCBOUT2), Short across Load
(SCL).
•
Errors detected in inactive mode: Short to GND at (any) disabled OUTx, Short to BAT at (any) disabled
OUTx.
Consequently, errors detected in active mode can only be detected, if the H-bridge is enabled.
L9969x
Functional description
DS14029 - Rev 6
page 32/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com