Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969T Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9969T
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969T Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9969T Datasheet HTML 33Page - STMicroelectronics L9969T Datasheet HTML 34Page - STMicroelectronics L9969T Datasheet HTML 35Page - STMicroelectronics L9969T Datasheet HTML 36Page - STMicroelectronics L9969T Datasheet HTML 37Page - STMicroelectronics L9969T Datasheet HTML 38Page - STMicroelectronics L9969T Datasheet HTML 39Page - STMicroelectronics L9969T Datasheet HTML 40Page - STMicroelectronics L9969T Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
5 V < VBATT < 18 V, 4.5 V < VDD < 5.5 V, TJ= -40 °C to 150 °C, unless otherwise specified.
Table 22. Undervoltage shutdown parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VUF_OFF
Undervoltage at VS, switch off threshold
-
3.1
3.8
4.5
V
VUF_ON
Undervoltage at VS, switch on threshold
-
3.3
4.0
4.7
V
VUF_HYS
Undervoltage at VS, hysteresis
-
100
-
1000
mV
tUF
Filter time detection undervoltage VS
-
-
-
1,5
µs
3.2.6.9
Open Load diagnosis in active mode
Open Load diagnosis is possible when outputs are switched off by DIS or NABE but also during active operation,
in case the feature is enabled via CONFIG_REG.OLDA = 1. However, default value for the open load diagnosis
during active operation is: disabled (CONFIG_REG.OLDA = 0).
Figure 24 shows how this could be achieved.
Figure 24. Open Load diagnosis in active mode
In active mode, by default the Open Load diagnostic is deactivated. If one has sent the command
CONFIG_REG.OLDA mode = 1, the Open Load diagnostic in active mode (OLDA) is activated. In Figure 24, at
the beginning, the OLDA is deactivated. The load is assumed to have an inductive component. The current in the
load is toggled by the signal PWM. If the PWM signal is low, one has the free-wheeling of the inductive
component of the load via the low-side transistors. At the beginning of the free-wheeling phase, the inductivity
must free-wheel. Therefore it is generating a negative voltage on the OUTx. This voltage is detected internally the
HBR. As long as there is a negative voltage at the beginning of the free-wheeling phase, no open load fault has
occurred. If there is no negative voltage at the beginning of the free-wheeling phase, there is an open load (or a
simple resistor connected as load, where this principle does not work).
This principle only works at load currents above a certain threshold. If the load current is below that limit, the free
wheeling phase is too short to be detected correctly. This threshold is not specified here but it must be considered
in any case in order not to lead to a wrong diagnosis.
L9969x
Functional description
DS14029 - Rev 6
page 37/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com