Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969T Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9969T
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969T Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9969T Datasheet HTML 16Page - STMicroelectronics L9969T Datasheet HTML 17Page - STMicroelectronics L9969T Datasheet HTML 18Page - STMicroelectronics L9969T Datasheet HTML 19Page - STMicroelectronics L9969T Datasheet HTML 20Page - STMicroelectronics L9969T Datasheet HTML 21Page - STMicroelectronics L9969T Datasheet HTML 22Page - STMicroelectronics L9969T Datasheet HTML 23Page - STMicroelectronics L9969T Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
3.2.4
Power stage switching behavior
Here below (see the Table 15) the possible combinations parallel inputs/driver outputs.
Table 15. Parallel inputs combinations and output states
PWM
DIR
OUT1
OUT2
Remark
L
L
L
L
No active current flow into the load
L
H
L
L
No active current flow into the load
H
L
H
L
A current flows from HS1 toward LS2
H
H
L
H
A current flows from HS2 toward LS1
Note:
HSx stands for high-side transistor of half-bridge x; LSx stands for low-side transistor of half-bridge x.
3.2.4.1
Switching sequence during regular operation
The switching sequence during a regular pulsed width modulation operation is shown in the figure below and is
made of 5 steps:
1. The connected load is powered, for example, via HSS1 and LSS2.
2. This is the transition between the powering and the active free-wheeling phase. During this short time where
HSS1 is getting non-conductive and LSS1 has not started conducting yet, a passive free-wheeling via the bulk
diode of LSS1 takes place.
3. This is the active free-wheeling. In this step LSS1 gets conductive.
4. This is the transition between the active free-wheeling and the powering phase. Similarly to the 2nd step, LSS1
is getting non-conductive and HSS1 has not started conducting yet. A passive free-wheeling via the bulk diode
of LSS1 takes place.
5. See 1st step.
Figure 11. Switching sequence during normal operation
During a regular operation, there is always one half-bridge responsible for the pulsation (in the above example the
half-bridge made of HSS1 and LSS1) and one static half-bride (in the above example the half-bridge made of
HSS2 and LSS2). As showed in the above example, the LSS of the static half-bridge remains conducting over the
complete period whereas the HSS of the static half-bridge is unused.
3.2.4.2
Switching sequence during change of direction
The switching sequence during a change of direction is shown in the figure below and is made of 5 steps:
1. The connected load is powered, for example, via HSS1 and LSS2.
2. This is the transition between the powering and the active free-wheeling phase. During this short time where
HSS1 is getting non-conductive and LSS1 has not started conducting yet, a passive free-wheeling via the bulk
diode of LSS1 takes place.
3. This is the active free-wheeling. In this step LSS1 gets conductive.
4. In this step, the change of direction is starting. Now, LSS2 is getting non-conductive but HSS2 has not started
conducting yet. The induced current resulting from the back electromotive force (back-EMF) is still flowing
from the left to the right. The current is flowing via the bulk diode of HSS2, the external capacitor and back via
LSS1.
5. In this step, HSS2 is getting conductive. The connected load is finally powered in the opposite direction via
HSS2 and LSS1.
L9969x
Functional description
DS14029 - Rev 6
page 20/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com