Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9969T Datasheet(PDF) 50 Page - STMicroelectronics

Part # L9969T
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969T Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L9969T Datasheet HTML 46Page - STMicroelectronics L9969T Datasheet HTML 47Page - STMicroelectronics L9969T Datasheet HTML 48Page - STMicroelectronics L9969T Datasheet HTML 49Page - STMicroelectronics L9969T Datasheet HTML 50Page - STMicroelectronics L9969T Datasheet HTML 51Page - STMicroelectronics L9969T Datasheet HTML 52Page - STMicroelectronics L9969T Datasheet HTML 53Page - STMicroelectronics L9969T Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
Bit
7
6
5
4
3
2
1
0
ENDISR
x
x
x
1
1
x
x
x
DISR
x
x
x
x
x
x
x
x
RDR
x
x
x
1
1
x
x
x
Controller access: read/write
(write-access: WR_STATCON)
(read-access: RD_STATCON)
Bit
Name
Description
7
CONFIG2
‘1’: test of VDD threshold is switched off
(latched)
‘0’: test of VDD threshold is switched on
(r/w)
6
CONFIG1
‘1’: lower threshold of VDD-monitoring is lifted
(If CONFIG2 = 0 - test of switch-off path)
(latched)
‘0’: upper threshold of VDD-monitoring is reduced
(If CONFIG2 = 0 - test of switch-off path)
(r/w)
5
CONFIG0
‘1’: latch function for overvoltage at VDD is
switched on
(latched)
‘0’: latch function for overvoltage at VDD is
switched off
(r/w)
4
DIACLR2
if set = 0: all previous errors of DIA_REG2 are
reset
(not latched)
if set = 1: no action
(r/w)
if read then always = 1
3
DIACLR1
if set = 0 then all latched errors of DIA_REG1 are to be transferred to the register
DIA_REG2 and DIA_REG1 is reset.
Exception is: if an undervoltage at pin VS is present, DIACLR1 will not have any
effect.
if set = 1: no action
(not latched)
if read then always = 1
(r)
2
STATUS2
Logic level at NABE
(r)
1
STATUS1
‘1’: no undervoltage at VDD
(not latched)
‘0’: undervoltage at VDD
(r)
0
STATUS0
‘1’: no overvoltage at VDD
‘0’: overvoltage at VDD resp. state of overvoltage
still stored (reset by CONFIG0 = ’0’)
(r)
Comment: overvoltage information (bit STATUS0 =
0) will not be reset by undervoltage at VS.
Overvoltage will even be detected and stored
(CONFIG0 = 1) during undervoltage at VS. The
information will be reset if an internal
(undervoltage at VDD) reset occurs or when
CONFIG0 is set to 0 or via SPI reset
(CONFIG_REG.RESET = 0).
Remarks:
Write-access is only possible for CONFIGx and DIACLRx. The bits STATUSx are not affected by a write-access to
STATCON_REG, except indirectly by a change of CONFIGx.
Any write access to STATCON_REG will take effect immediately. No re-enabling via switching (DIS to HIGH and
then to LOW again) or (NABE via switching to Low and then to High again) is necessary.
L9969x
Functional description
DS14029 - Rev 6
page 50/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com