Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK05028RGCT.B Datasheet(PDF) 21 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 17Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 18Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 19Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 20Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 21Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 22Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 23Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 24Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
7.2 Functional Block Diagrams
Input
Monitors
Input
Monitors
Ref Bypass Mux
Ref Inputs
System
Clocks
Outputs
PLL Channels
IN0
IN1
IN2
IN3
REF A
SDA
SCL
GPIO1/SCS
GPIO2/SDO
HW_SW_CTRL
PDN
GPIO0/SYNCN
STATUS[0:1]
PLL1
÷R
VCO1:
4.8 to 5.4 GHz
VCO1 FB
VCO2 FB (IN5)
TCXO_IN
×2
÷M
REF B
PLL2
÷R
VCO2:
5.5 to 6.2 GHz
VCO2 FB
VCO1 FB
(IN4)
TCXO
XO
TCXO
REF A
REF B
XO_P
0
1
2
÷OD
20-b
0
1
2
3
÷OD
20-b
OUT7
0
1
2
3
4
5
0
1
2
3
4
5
÷OD
20-b
÷ODB
11-b
OUT1
0
1
2
3
0
1
2
3
OUT6
OUT5
OUT4
0
1
2
3
÷OD
20-b
OUT3
OUT2
OUT0
÷OD
20-b
Clock
Bus
Digital
VDD (x9)
3.3 V
VDDO (x6)
1.8 / 2.5 / 3.3 V
INSEL0_[1:0]
INSEL1_[1:0]
SYNC
DPLL1 Zero Delay
Feedback
I
2C/
SPI
Registers
EEPROM
ROM
Device Control and Status
DPLL2 Zero Delay
Feedback
Power Conditioning
(all blocks)
CAP
(3x)
LF2
LF1
XO_N
XO determines output jitter
in 12 kHz to 20 MHz band.
TCXO/OCXO determines output frequency stability.
(e.g. 'f/f0 ” “4.6 ppm for SyncE)
REF
DPLL
TCXO
DPLL
REF
DPLL
TCXO
DPLL
APLL
APLL
÷ODB
11-b
÷OD
20-b
LMK05028
Low-Jitter Dual-Channel
Network Synchronizer Clock
0
1
2
3
4
5
DCO1
FDEV
DCO2
FDEV
÷P1
÷P2
÷P1
÷P2
Input
Monitors
PLL
Monitors
TCXO/XO
Monitors
OUT[4:7]
OUT[0:3]
Hitless
Switching
and
Priority
Selection
Hitless
Switching
and
Priority
Selection
Figure 7-2. Top-Level Device Block Diagram
www.ti.com
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com