Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK05028RGCT.B Datasheet(PDF) 49 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 49 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 45Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 46Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 47Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 48Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 49Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 50Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 51Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 52Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 94 page
background image
7.3.13.1 AC-Differential Output (AC-DIFF)
The differential output driver uses a switched-current mode type shown in Figure 7-28. A programmable tail
current of 4, 6, or 8 mA (nominal) is used to achieve VOD swing compatible with AC-coupled LVDS, CML,
or LVPECL receivers, respectively, across a 100-Ω differential termination. The differential output driver is
ground-referenced (similar to a HCSL driver), meaning the differential output has a low common-mode voltage
(VOS).
The differential driver is internally biased and does not need any external pullup or pulldown resistors, unlike
conventional CML or LVPECL drivers. The differential output must be interfaced through external AC-coupling to
a differential receiver with proper input termination and biasing.
Output tail current (I1 + I2) can be programmed
to 4, 6, or 8 mA for LVDS-, CML-, and LVPECL-
compatible swing across AC-coupled
50-: single-ended or 100-: differential load.
OUTx_P
OUTx_N
VDDO_x
clk_p
clk_n
P
N
P
N
P
N
I1 = 4 mA
I2 = 0, 2, or 4 mA
P
N
LDO
From
output
channel
Figure 7-28. AC-LVDS/CML/LVPECL Output Driver Structure
7.3.13.2 HCSL Output
The HCSL output driver is an open-drain type, which must be DC-coupled to an HCSL receiver. The HCSL
output has programmable, internal 50-Ω to ground (on P and N) for source termination, which can be enabled
when the receiver does not provide input (load) termination. If the internal termination is disabled, external 50-Ω
termination to ground (on P and N) is required at either the driver side (source terminated) or receiver side (load
terminated).
7.3.13.3 LVCMOS Output (1.8 V, 2.5 V)
The LVCMOS driver has two outputs per pair. Each output on P and N can be configured for normal polarity,
inverted polarity, or disabled as HiZ or static low level. The LVCMOS output high level (VOH) is determined by the
VDDO_x voltage of 1.8 V or 2.5 V for rail-to-rail LVCMOS output voltage swing. If a VDDO_x voltage of 3.3 V
is applied, the VOH level does not swing to the VDDO_x rail due to the dropout voltage of the channel's internal
LDO regulator.
Because an LVCMOS output clock is a high-swing and unbalanced signal, the clock can be a strong aggressor
and couple noise onto other jitter-sensitive differential output clocks. If an LVCMOS clock is required from an
output pair, configure the pair with both outputs enabled but with opposite polarity (+/– or –/+) and leave the
unused output floating with no trace connected.
7.3.13.4 Output Auto-Mute During LOL or LOS
Each output driver can automatically mute or squelch the clock when the selected output mux clock source is
invalid, as configured by the CH_x_MUTE bit. If the selected clock source is derived from a PLL post-divider
www.ti.com
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com