Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK05028RGCT.B Datasheet(PDF) 52 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 52 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 48Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 49Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 50Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 51Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 52Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 53Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 54Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 55Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 94 page
background image
The following requirements must be met establish a SYNC group for two or more output channels:
• Output dividers have the respective sync enabled (CHx_SYNCEN bit = 1).
• Output dividers have the output mux selecting the same PLL primary post-divider (for example, PLL1 P1 or
PRI, PLL1 P2 or SEC).
• The PLL post-divider (PRI or SEC) must have the applicable sync bank bits enabled for the output divider
banks. Examples:
– PLL1_PRI_CH47_SYNC_BANK must be set when output dividers in OUT[4:7] bank is synced to PLL1 P1
(PRI).
– PLL1_SEC_CH03_SYNC_BANK must be set when output dividers in OUT[0:3] bank is synced to PLL1
P1 (SEC).
A SYNC event can be asserted by the hardware GPIO0/SYNCN pin (active low) or the SYNC_SW register bit
(active high). When SYNC is asserted, the SYNC-enabled dividers held are reset and clock outputs are muted.
The divider reset and output muting is done synchronously, allowing the outputs to finish the final clock cycle (to
avoid a short clock period) before the actual SYNC event. When SYNC is deasserted, the outputs starts with
the initial clock phases synchronized or aligned. SYNC can also be used to mute any SYNC-enabled outputs to
prevent output clocks from being distributed to down-stream devices until the devices are configured and ready
to accept the incoming clock. The SYNC signal is internally qualified or sampled by the internal digital system
clock that runs at 10 MHz nominal. The negative pulse applied to the SYNCN input pin must be greater than 200
ns to be captured by the internal digital system clock. SYNC deassertion can take two cycles of the digital clock
before the outputs are released.
Output channels with the sync disabled (CHx_SYNCEN bit = 0) is not affected by a SYNC event and continues
normal output operation as configured. Also, VCO and PLL post-divider clocks do not stop running during the
SYNC so the clocks can continue to source any output channels that do not require synchronization. Output
dividers with divide-by-1 (divider bypass mode) are not gated during the SYNC event. Also, SYNC must be
disabled and is not supported when the output mux is selecting the XO, TCXO, or DPLL reference clocks.
Table 7-9. Output Synchronization
GPIO0 PIN
SYNC_SW BIT
OUTPUT DIVIDER AND DRIVER STATE
0
1
Output drivers muted and output dividers reset
0→1
1→0
Outputs in a SYNC group are unmuted with the initial clock phases aligned
1
0
Normal output driver/divider operation as configured
Figure 7-34 shows an example of the SYNC timing example for a SYNC group. The SYNC group is comprised
of OUT0, OUT6, and OUT7 dividers, which are sourced by the PLL1 P1 (primary) post-divider. Notice that the
output divider reset and output mute is applied synchronously by waiting until the last output clock in the group
goes low (OUT7).
1
2
3
Internal SYNC starts and waits for last output in the
³6<1& JURXS´ WR JR ORZ EHIRUH 6WHS
2.
Dividers SYNCed and drivers muted. Each
GULYHU¶V PXWH OHYHO LV SURJUDPPDEOH
.
SYNCed dividers released.
PLL Post Divider
Output Channel Dividers
SYNCed outputs muted
VCO
PLL1_P1 = 4
(Primary Post-div)
OUT0_DIV = 4
OUT6_DIV = 5
OUT7_DIV = 6
Internal SYNC
(Qualified by
Digital clock)
Up to 2 Digital clock cycles
OUT[0,6,7] FRQVWLWXWH D ³6<1& JURXS´ E\ VHOHFWLQJ WKH VDPH 3//1_P1 post-divider with its SYNC Banks enabled (PLL1_PRI_CHx_SYNC_BANK = 1) and by having their respective channel SYNC enabled (CHx_SYNC_EN = 1).
Phase Aligned
A.
The VCO clock and PLL post-divider clock do not stop running during the SYNC.
Figure 7-34. Output SYNC Group Timing Example
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
www.ti.com
52
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com