Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK05028RGCT.B Datasheet(PDF) 45 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 45 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 41Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 42Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 43Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 44Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 45Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 46Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 47Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 48Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 94 page
background image
7.3.9.9 REF-DPLL Reference Divider (R)
The reference clock input paths to each REF-DPLL features a 16-b reference divider (R) for each clock input
(IN0 to IN3). The output of each R divider sets the frequencies to the reference input mux and the TDC rate
of the REF-DPLL. There are also two additional R dividers for the internal VCO loopback clocks (IN4 and IN5)
that can be used in cascaded PLL configurations. IN4 refers to the VCO1 loopback clock to DPLL2 reference
input, and IN5 refers to the VCO2 loopback clock to DPLL1 reference input. To support hitless switching between
inputs with different frequencies, the R divider can be used to divide the clocks to a single common frequency to
the REF-DPLL TDC input.
7.3.9.10 TCXO/OCXO Input Doubler and M Divider
The TCXO/OCXO input features a frequency doubler followed by a 5-b M divider. The M divider output is sent to
the TCXO mux of both TCXO-DPLLs.
7.3.9.11 TCXO Mux
Each PLL channel has a TCXO mux to select the TCXO-DPLL input from either the TCXO M divider clock, or the
VCO loopback clock from the opposite PLL channel when PLL cascading is used. When the TCXO M divider is
selected, the M Divider frequency sets the TCXO-TDC rate. When the VCO loopback clock is selected, the VCO
loopback divider frequency from the opposite PLL sets the TCXO-TDC rate.
7.3.9.12 REF-DPLL and TCXO-DPLL Time-to-Digital Converter (TDC)
The TDCs for the REF-DPLL and TCXO-DPLL operate up 30 MHz. The TDC resolution is fine enough to
achieve in-band phase noise of –112 dBc/Hz at 100-Hz offset for a 122.88-MHz output.
When the REF mux selects a reference input clock, the REF-DPLL TDC rate is:
fREF-TDC = fINx / RINx
(10)
When the REF mux selects the VCO loopback clock, the REF-DPLL TDC rate is:
fREF-TDC = fVCOa / (48 × DIVDPLLa_CLK_FB) / RINx
(11)
When the TCXO mux selects the M divider clock, the TCXO-DPLL TDC rate is:
fTCXO-TDC = fTCXO × DTCXO / MTCXO
(12)
When the TCXO mux selects the VCO loopback clock, the TCXO-DPLL TDC rate is:
fTCXO-TDC = fVCOa / (48 × DIVDPLLa_CLK_FB)
(13)
where
• fVCOa: VCO frequency fed back from the first PLL channel (PLLa) in a cascaded configuration
• DIVDPLLy_CLK_FB: VCO loopback divide value (3 to 32) from PLLa
7.3.9.13 REF-DPLL and TCXO-DPLL Loop Filter
Each REF-DPLL and TCXO-DPLL supports programmable loop bandwidth from 10 mHz to 4 kHz and can
achieve jitter peaking below 0.1 dB (typical). The low-pass jitter transfer characteristic of each DPLL attenuates
the reference input noise with up to 60-dB/decade roll-off above the loop bandwidth.
In 3-loop mode, the REF-DPLL loop filter output modulates the TCXO-DPLL SDM, and the TCXO-DPLL loop
filter output correspondingly modulates the APLL SDM to steer the APLL VCO into lock with the selected
REF-DPLL input.
In 2-loop REF-DPLL mode, the TCXO-DPLL is not used and the REF-DPLL loop filter output controls the APLL
SDM to steer the VCO frequency into lock with the selected REF-DPLL input.
www.ti.com
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com