Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK05028RGCT.B Datasheet(PDF) 13 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 9Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 10Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 11Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 12Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 13Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 14Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 15Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 16Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
Over Recommended Operating Conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Other Characteristics
tPHO
Input-to-output phase offset
Zero delay mode
2
ns
PSNR
Spur induced by power supply
noise (VN = 50 mVpp)(7) (8)
VDDO_x = 2.5 V or 3.3 V, AC-DIFF or
HCSL output
-70
dBc
VDDO_x = 2.5 V, LVCMOS output
-55
PSNR
Spur induced by power supply
noise (VN = 25 mVpp)(7) (8)
VDDO_x = 1.8 V, AC-DIFF or HCSL
output
-70
VDDO_x = 1.8 V, LVCMOS output
-45
SPUR
Spur level due to output-to-output
crosstalk (adjacent channels)(8)
fOUTx = 156.25 MHz, fOUTy = 155.52
MHz, AC-DIFF or HCSL (same output
type for both channels)
-75
dBc
PLL Clock Output Performance Characteristics
RJ
RMS phase jitter
(12 kHz to 20 MHz)
156.25 MHz AC-DIFF or HCSL output,
fXO = 48.0048 MHz
150
250
fs RMS
PNTDC
Output close-in phase noise
(fOFFSET = 100 Hz)
122.88 MHz AC-DIFF or HCSL, 3-loop
mode, fXO = 48.0048 MHz, fTCXO = 10
MHz, fTCXO-TDC = 20 MHz, BWREF = 5
Hz, BWTCXO = 400 Hz
-112
dBc/Hz
BW
DPLL bandwidth range(9)
Programmed bandwidth setting
0.01 to
4000
Hz
JPK
DPLL closed-loop jitter
peaking(14)
fIN = 25 MHz, fOUT = 10 MHz, DPLL BW
= 0.1 Hz or 10 Hz
0.1
dB
JTOL
Jitter tolerance
Jitter modulation = 10 Hz,
25.78125 Gbps
6455
UI p-p
tHITLESS
Phase transient during hitless
switch
Valid for a single switchover event
between two clock inputs at the same
frequency
± 50
ps
fHITLESS
Frequency transient during hitless
switch
Valid for a single switchover event
between two clock inputs at the same
frequency
± 10
ppb
tSTARTUP
Initial PLL clock start-up time(12)
From rising edge of PDN to free-
running output clocks
20
ms
(1)
Total device current can be estimated by summing the individual IDD_x and IDDO_x per pin for all blocks enabled in a
given configuration.
(2)
Configuration A (All blocks on except TCXO_IN and both TCXO-DPLLs): fIN[0:3] = 25 MHz, fXO = 48.0048 MHz, TCXO_IN
disabled. Both DPLL[1:2] in 2-loop mode, fVCO1 = 5 GHz, fVCO2 = 5.5296 GHz, PLL1_P1 = 8, PLL2_P1 = 9.
(3)
Configuration B (All blocks on): fIN[0:3] = 25 MHz, fXO = 48.0048 MHz, fTCXO = 10 MHz. Both DPLL[1:2] in 3-loop mode, fVCO1 = 5 GHz,
fVCO2 = 5.5296 GHz, PLL1_P1 = 8, PLL2_P1 = 9.
(4)
Parameter is specified by characterization and is not tested in production.
(5)
For a differential input clock below 5 MHz, TI recommends to disable the differential input amplitude monitor and enable at least one
other monitor (frequency, window detectors) to validate the input clock. Otherwise, consider using an LVCMOS clock for an input
below 5 MHz.
(6)
An output frequency over the fOUT maximum specification is possible, but the output swing can be less than the VOD minimum
specification.
(7)
PSNR is the single-sideband spur level (in dBc) measured when sinusoidal noise with amplitude VN and frequency between 100 kHz
and 1 MHz is injected onto VDD and VDDO_x pins.
(8)
DJSPUR (ps pk-pk) = [2 × 10(dBc/20) / (π × fOUT) × 1E6], where dBc is the PSNR or SPUR level (in dBc) and fOUT is the output frequency
(in MHz).
(9)
Actual loop bandwidth can be lower. Applies to REF-DPLL and TCXO-DPLL. The valid loop bandwidth range can be constrained by
the DPLL loop mode and REF-TDC and/or TCXO-TDC frequencies used in a given configuration.
(10) IDDO_x includes supply current for output divider and one output driver with fOUT = 156.25 MHz or 122.88 MHz.
(11) IDDO_x includes supply current for output divider and two output drivers with fOUT = 156.25 MHz or 122.88 MHz.
(12) Assumes XO input clock is stable in frequency and amplitude before rising edge of PDN, PLLs start-up using parallel calibration mode,
VCO wait timers set to 0.4 ms, PLL wait timers set to 3 ms, and outputs auto-mute during APLL lock only (DPLL auto-mute options
disabled).
(13) Parameter is specified for PLL outputs divided from either VCO domain.
(14) The TICS Pro software configures the closed-loop jitter peaking for 0.1 dB or less based on the programmed DPLL bandwidth setting.
(15) Minimum limit applies for the minimum setting of the differential input amplitude monitor.
www.ti.com
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com