Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK05028RGCT.B Datasheet(PDF) 53 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 53 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 49Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 50Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 51Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 52Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 53Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 54Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 55Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 56Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 94 page
background image
7.3.17 Zero-Delay Mode (ZDM) Configuration
Zero-delay mode can be enabled to achieve zero phase delay between the selected reference input clock and
the output clocks of a DPLL. As shown in Figure 7-35 and Figure 7-36, DPLL1 supports zero-delay for OUT4/5,
OUT6, and OUT7, while DPLL2 supports zero-delay for OUT0, OUT1, and OUT2/3. Any output that requires the
zero-delay feature must be derived from the P1 (primary) post-divider of the PLL and have zero-delay enabled
(DPLLx_ZDM_EN bit = 1). Then, one of the outputs per DPLL can be selected as the primary zero-delay output
(by O_CHx_y_ZERODLY_EN bit). Other outputs that need zero-delay can be synchronized with the primary
zero-delay output by comprising a SYNC group (see Output Synchronization (SYNC)). ZDM and DCO mode
cannot be enabled at the same time within a PLL channel.
When the DPLL is acquiring lock to the reference input, the initial phase lock is governed by the DPLL fastlock
bandwidth. Once phase lock is detected, the final output phase alignment with the input reference is governed
by the normal DPLL loop bandwidth. The same phase lock and alignment process also occurs when exiting
holdover or after a switchover event.
PLL1
DPLL1 ZDM
Channel
OUT[4:7] Channels (x3)
ZDM
Feedback
÷OD
3
2
1
0
ZDM off
INx
OUT4/5
OUT6
OUT7
O_CH4_7_ZERODLY_EN
DPLL1_
ZDM_EN
OUT
÷R
To TDC for
phase offset
cancellation
fVCO1/P1
0
Figure 7-35. DPLL1 ZDM Configuration for OUT4 to OUT7
PLL2
DPLL2 ZDM
Channel
OUT[0:3] Channels (x3)
÷OD
3
2
1
0
ZDM off
OUT2/3
OUT1
OUT0
O_CH0_3_ZERODLY_EN
DPLL2_
ZDM_EN
ZDM
Feedback
OUT
INx
÷R
fVCO2/P1
To TDC for
phase offset
cancellation
2
Figure 7-36. DPLL2 ZDM Configuration for OUT0 to OUT3
www.ti.com
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com