Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK05028RGCT.B Datasheet(PDF) 6 Page - Texas Instruments

Part # LMK05028RGCT.B
Description  LMK05028 Low-Jitter Dual-Channel Network Synchronizer Clock With EEPROM
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK05028RGCT.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMK05028RGCT.B Datasheet HTML 2Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 3Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 4Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 5Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 6Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 7Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 8Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 9Page - Texas Instruments LMK05028RGCT.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
4.1 Device Start-Up Modes
The HW_SW_CTRL input pin selects the device start-up mode that determines the memory page used to
initialize the registers, serial interface, and logic pin functions at power-on reset. The initial register settings
determine the device's frequency configuration stored in the internal EEPROM (NVM) or ROM. After start-up,
the device registers can be accessed through the selected serial interface for device status monitoring or
programming, and the logic pins will function as defined by the mode configuration.
Table 4-2. Device Start-Up Modes
HW_SW_CTRL
INPUT LEVEL(1)
START-UP MODE
MODE DESCRIPTION
0
EEPROM + I2C
(Soft pin mode)
Registers are initialized from EEPROM, and I2C interface is enabled. Logic pins:
•
SDA, SCL: I2C Data, I2C Clock (open-drain). Pins require external pullups > 1 kΩ.
•
GPIO0: Output SYNC Input (active low). Tie pin high externally if not used.
•
GPIO[2:1](1): I2C Address LSB Select Input (00, 01, 10, 11b)
•
GPIO[4:3](2): DPLL1 DCO Frequency Decrement and Increment Inputs (active high)
•
GPIO[6:5](2) (3): DPLL2 DCO Frequency Decrement and Increment Inputs (active high), or
Status Outputs
Float
(VIM)
EEPROM + SPI
(Soft pin mode)
Registers are initialized from EEPROM, and SPI interface is enabled. Logic pins:
•
SDA, SCL: SPI Data Input (SDI), SPI Clock (SCK)
•
GPIO1: SPI Chip Select (SCS)
•
GPIO2: SPI Data Output (SDO)
•
GPIO[6:3, 0]: Same as for HW_SW_CTRL = 0
1
ROM + I2C
(Hard pin mode)
Registers are initialized from the ROM page selected by GPIO pins, and I2C interface is enabled.
Logic pins:
•
SDA, SCL: I2C Data, I2C Clock (open-drain). Pins require external pullups > 1 kΩ.
•
GPIO[3:0](1): ROM Page Select Input (0000 to 1111b)
•
GPIO[6:5](3): Status Outputs
•
GPIO4: Not used during POR
After POR, GPIO[6:3] can function the same as for HW_SW_CTRL = 0 if enabled by registers.
(1)
The input levels on these pins are sampled only during POR.
(2)
These GPIO pins are only functional when the DCO feature and FINC/FDEC pin controls are enabled by registers.
(3)
As status outputs, the GPIO[6:5] pins have the same configuration options as the STATUS[1:0] pins.
Note
To provide proper start-up into EEPROM + SPI Mode, the HW_SW_CTRL, STATUS0, and STATUS1
pins must all be floating or biased to VIM (0.8-V typical) before the PDN pin is pulled high. These three
pins momentarily operate as 3-level inputs and get sampled at the low-to-high transition of PDN to
determine the device start-up mode during POR. If any of these pins are connected to a host device
(MCU or FPGA), TI recommends using external biasing resistors on each pin (10-kΩ pullup to 3.3 V
with 3.3-kΩ pulldown to GND) to set the inputs to VIM during POR. After power-up, the STATUS pins
can operate as LVCMOS outputs to overdrive the external resistor bias for normal status operation.
LMK05028
SNAS724B – FEBRUARY 2018 – REVISED FEBRUARY 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMK05028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com