Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T82 Datasheet(PDF) 44 Page - STMicroelectronics

Part # M41T82
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M41T82 Datasheet HTML 40Page - STMicroelectronics M41T82 Datasheet HTML 41Page - STMicroelectronics M41T82 Datasheet HTML 42Page - STMicroelectronics M41T82 Datasheet HTML 43Page - STMicroelectronics M41T82 Datasheet HTML 44Page - STMicroelectronics M41T82 Datasheet HTML 45Page - STMicroelectronics M41T82 Datasheet HTML 46Page - STMicroelectronics M41T82 Datasheet HTML 47Page - STMicroelectronics M41T82 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
Clock operation
M41T82, M41T83
44/64
DocID012578 Rev 19
3.12
Oscillator fail detection
If the oscillator fail (OF) bit is internally set to a '1,' this indicates that the oscillator has either
stopped, or was stopped for some period of time. This bit can be used to judge the validity of
the clock and date data. This bit will be set to '1' any time the oscillator stops.
In the event the OF bit is found to be set to '1' at any time other than the initial power-up, the
STOP bit (ST) should be written to a '1,' then immediately reset to 0. This will restart the
oscillator. The following conditions can cause the OF bit to be set:
•
The first time power is applied (defaults to a '1' on power-up).
Note:
If the OF bit cannot be written to '0' four seconds after the initial power-up, the STOP bit (ST)
should be written to a '1,' then immediately reset to 0.
•
The voltage present on VCC or battery is insufficient to support oscillation.
•
The ST bit is set to '1.'
•
External interference of the crystal
For the M41T83, if the oscillator fail interrupt enable bit (OFIE) is set to a '1,' the
IRQ1/FT/OUT pin will also be asserted (see Section 3.13 and Section 3.14 for additional
conditions which apply). The IRQ1/FT/OUT output is de-asserted by resetting the OF bit to
0, NOT by reading the flags register. The OF bit will remain a '1' until written to 0. Reading
the flags register has no effect on OF.
The oscillator must start and have run for at least 4 seconds before attempting to reset the
OF bit to 0.
The oscillator fail detect circuit funtions during backup mode. If a triggering event occurs to
disrupt the oscillator during a power-down condition, the OF bit will be set accordingly.
3.13
Oscillator fail interrupt enable (M41T83 only)
With the OFIE bit set, the OF bit will cause the IRQ1/FT/OUT output to be asserted (see
Section 3.14.1
and 3.14.2 for additional conditions that apply). The IRQ1/FT/OUT output is
cleared by resetting the OF bit to 0 (NOT by reading the flags register). Clearing the OFIE
bit will also cause the IRQ1/FT/OUT output to de-assert, but if OFIE is subsequently set
prior to clearing OF, the IRQ1/FT/OUT output will assert immediately upon setting OFIE.
Clearing the OF bit is necessary to prevent such an inadvertent interrupt.
If the alarm in backup enable bit, ABE, is set (along with OFIE), the oscillator fail detect will
cause an interrupt in the IRQ1/FT/OUT pin during backup mode. For additional information
on this, refer to Section 3.14.2.
3.14
IRQ1/FT/OUT pin, frequency test, interrupts and the OUT bit
(M41T83 only)
Four interrupt sources, the frequency test function, and the discrete output bit OUT all share
the IRQ1/FT/OUT pin. Priority is built into the part such that some functions dominate
others. Additionally, the priority depends on configuration bits such as OUT and ABE, and
on whether the part is operating on VCC or is in the backup mode. This pin is an open drain
output and requires an external pull-up resistor.
Figure 25
shows the various signal sources and controlling bits for the IRQ1/FT/OUT output
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com