Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T82 Datasheet(PDF) 46 Page - STMicroelectronics

Part # M41T82
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M41T82 Datasheet HTML 42Page - STMicroelectronics M41T82 Datasheet HTML 43Page - STMicroelectronics M41T82 Datasheet HTML 44Page - STMicroelectronics M41T82 Datasheet HTML 45Page - STMicroelectronics M41T82 Datasheet HTML 46Page - STMicroelectronics M41T82 Datasheet HTML 47Page - STMicroelectronics M41T82 Datasheet HTML 48Page - STMicroelectronics M41T82 Datasheet HTML 49Page - STMicroelectronics M41T82 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
Clock operation
M41T82, M41T83
46/64
DocID012578 Rev 19
3.14.1
Active mode operation on VCC
On VCC, the operation of the output circuit is as shown in Table 14.
When OUT is 0 and FT is 0, the pin will be 0 regardless of whether any interrupts are
enabled.
When FT is a 1, the 512 Hz signal will be output if OUT is 0 or if no interrupts are enabled.
The interrupt sources control the pin when OUT is 1 and one or more of the interrupts are
enabled.
If OUT is 1, FT is 0 and no interrupts are enabled, then the pin will be 1.
Table 14. Priority for IRQ1/FT/OUT pin when operating on VCC
OUT(1)
FT(2)
A1IE(3)
+ OFIE(4)
+ TIE(5)
+ watchdog(6)
running
Pin
Comment
0
0
x
0
When OUT is 0 and FT is not enabled, OUT dominates
and none of the interrupt sources have any effect.
0
1
x
512 Hz
When FT = 1 and OUT = 1 and no interrupts are enabled,
the output will be the 512 Hz frequency test (FT) signal.
x
1
0
1
x
1
IRQ
When one or more interrupts are enabled, and OUT is a 1,
the pin stays high until one of the interrupts is asserted.
1
0
0
1
When OUT is 1, FT is 0 and no interrupts are enabled, the
pin is high.
1.
OUT is bit 7 of register 08h (digital calibration).
2.
FT is bit 6 of register 08h (digital calibration).
3.
A1IE is bit 7 of register 0Ah (alarm 1, month).
4.
OFIE is bit 7 of register 09h (watchdog).
5.
TIE is bit 5 of register 11h (timer control).
6.
The watchdog is controlled by register 09h (watchdog).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com