Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T82 Datasheet(PDF) 53 Page - STMicroelectronics

Part # M41T82
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button M41T82 Datasheet HTML 49Page - STMicroelectronics M41T82 Datasheet HTML 50Page - STMicroelectronics M41T82 Datasheet HTML 51Page - STMicroelectronics M41T82 Datasheet HTML 52Page - STMicroelectronics M41T82 Datasheet HTML 53Page - STMicroelectronics M41T82 Datasheet HTML 54Page - STMicroelectronics M41T82 Datasheet HTML 55Page - STMicroelectronics M41T82 Datasheet HTML 56Page - STMicroelectronics M41T82 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
DocID012578 Rev 19
53/64
M41T82, M41T83
DC and AC parameters
Figure 27. ICC2 vs. temperature
Table 22. Crystal electrical characteristics
Symbol
Parameter(1)(2)
1. Externally supplied if using the QFN16 or SO8 package. STMicroelectronics recommends the Citizen CFS-
145 (1.5 x 5 mm) and the KDS DT-38 (3 x 8 mm) for thru-hole, or the KDS DMX-26S (3.2 x 8 mm) or Micro
Crystal MS3V-T1R (1.5 x 5 mm) for surface-mount, tuning fork-type quartz crystals.
2. Load capacitors are integrated within the M41T8x. Circuit board layout considerations for the 32.768 kHz
crystal of minimum trace lengths and isolation from RF generating signals should be taken into account.
Min
Typ
Max
Units
fO
Resonant frequency
32.768
kHz
RS
Series resistance
65(3)
3. Guaranteed by design.
k
Ω
CL
Load capacitance
12.5
pF
Table 23. Oscillator characteristics
Symbol
Parameter(1)(2)
1. With default analog calibration value ( = 0)
2. Reference value
Conditions
Min
Typ
Max
Units
VSTA
Oscillator start voltage
≤ 4 s
2.0
V
tSTA
Oscillator start time
VCC = VSO
1
s
CXI, CXO
(1)
Capacitor input, capacitor output
25
pF
IC-to-IC frequency variation(2)(3)
3. TA = 25 °C, VCC = 5.0 V
–10
+10
ppm
ai 13909
2.000
3.000
4.000
5.000
6.000
7.000
8.000
9.000
10.000
-40
-20
0
20
40
60
80
Temperature (°C)
(3.0V)
(5.0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com