Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T82 Datasheet(PDF) 32 Page - STMicroelectronics

Part # M41T82
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M41T82 Datasheet HTML 28Page - STMicroelectronics M41T82 Datasheet HTML 29Page - STMicroelectronics M41T82 Datasheet HTML 30Page - STMicroelectronics M41T82 Datasheet HTML 31Page - STMicroelectronics M41T82 Datasheet HTML 32Page - STMicroelectronics M41T82 Datasheet HTML 33Page - STMicroelectronics M41T82 Datasheet HTML 34Page - STMicroelectronics M41T82 Datasheet HTML 35Page - STMicroelectronics M41T82 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
Clock operation
M41T82, M41T83
32/64
DocID012578 Rev 19
As shown in Figure 19, the relationship between oscillator speed and load capacitance is
not linear. When operating on the left end of the curve, small changes in load capacitance
have more effect than when operating on the right end of the curve. For example, at –15 pF,
a 3 pF reduction to –18 pF should result in the part running about 30 ppm faster (from
+65 ppm to +95 ppm). Conversely, at +5 pF, adding 3 pF to get to +8 pF should only slow
the part by about 4 ppm (from –8 ppm to –12 ppm).
3.4.3
Pre-programmed calibration value
Users of the M41T83 in the embedded crystal package have the option of using the factory
programmed analog calibration value (refer to Section 3.17 on page 49).
Figure 18. Crystal accuracy across temperature
AI07888
–160
0
10
20
30
40
50
60
70
Frequency (ppm)
Temperature
°C
80
–10
–20
–30
–40
–100
–120
–140
–40
–60
–80
20
0
–20
= –0.036 ppm/
°C2 ± 0.006 ppm/°C2
K
∆F = Kx (T–T
O)
2
F
T
O = 25°C ± 5°C
Table 7. Analog calibration values
Addr
Analog
calibration
value
D7
D6
D5
D4
D3
D2
D1
D0
CXI, CXO
CLOAD
(1)
ACS
(±)
AC6
(16 pF)
AC5
(8 pF)
AC4
(4 pF)
AC3
(2 pF)
AC2
(1 pF)
AC1
(0.5 pF)
AC0
(0.25 pF)
½(CXI, CXO)
12h
0 pF
x
0
0
0
0
0
0
0
25 pF
12.5 pF
3 pF
0
0
0
0
1
1
0
0
28 pF
14 pF
5 pF
0
0
0
1
0
1
0
0
30 pF
15 pF
–7 pF
1
0
0
1
1
1
0
0
18 pF
9 pF
9.75 pF(2)
0
0
1
0
0
1
1
1
34.75 pF
17.4 pF
–18 pF(3)
1
1
0
0
1
0
0
0
7 pF
3.5 pF
1. CLOAD = 1/(1/CXI + 1/CXO).
2. Maximum negative calibration value.
3. Maximum positive calibration value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com