Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T82 Datasheet(PDF) 48 Page - STMicroelectronics

Part # M41T82
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button M41T82 Datasheet HTML 44Page - STMicroelectronics M41T82 Datasheet HTML 45Page - STMicroelectronics M41T82 Datasheet HTML 46Page - STMicroelectronics M41T82 Datasheet HTML 47Page - STMicroelectronics M41T82 Datasheet HTML 48Page - STMicroelectronics M41T82 Datasheet HTML 49Page - STMicroelectronics M41T82 Datasheet HTML 50Page - STMicroelectronics M41T82 Datasheet HTML 51Page - STMicroelectronics M41T82 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
Clock operation
M41T82, M41T83
48/64
DocID012578 Rev 19
3.15
FT/RST pin, frequency test and reset output pin (M41T82
only)
On the M41T82, the 512 Hz frequency test signal and the reset output share the same pin,
FT/RST. When the FT bit (bit 6 of register 08h) is a 1, the 512 Hz test signal is activated on
the pin. With FT a 0 and VCC good (above VRST), the output will be high. If the 512 Hz is
enabled when VCC fails, the FT bit will be cleared and the output will go low to assert reset.
At power-up, FT will be 0 leaving the pin functioning as the reset output.
3.16
Initial power-on defaults
Upon initial application of power to the device, the register bits will initially power-on in the
state indicated in Table 16 and Table 17.
Table 16. Initial power-on default values (part 1)
Condition(1)
1. All other control bits power-up in an undetermined state.
ST CB1 CB0 OUT FT
DCS
ACS
Digital
calib.
Analog
calib.
OFIE(2)
2. M41T83 only
Watch-
dog(3)
3. BMB0-BMB4, RB0, RB1
A1IE (2) SQWE(2) ABE
Initial
power-up
0
0
0
1
0
0
0
0
0
0
0
1
0
Subsequent
power-up(4)(5)
4. With battery backup
5. UC = unchanged
UC
UC
UC
UC
0
UC
UC
UC
UC
0
UC
UC
UC
Table 17. Initial power-up default values (part 2)
Condition(1)
1. All other control bits power-up in an undetermined state.
RPT11-
15
HT
OF
TE
TI/TP
(2)
2. M41T83 only
TIE(2) TD1 TD0 RS0 RS1-3
OTP
(2)
A2IE(2)
RPT21-
25
AL2E
Initial
power-up
0
1
1
0
0
0
1
1
1
0
0
0
0
0
Subsequent
power-
up(3)(4)
3. With battery backup
4. UC = unchanged
UC
1
UC
0
UC
UC
UC
UC
UC
UC
UC
UC
UC
UC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com