Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T82 Datasheet(PDF) 39 Page - STMicroelectronics

Part # M41T82
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M41T82 Datasheet HTML 35Page - STMicroelectronics M41T82 Datasheet HTML 36Page - STMicroelectronics M41T82 Datasheet HTML 37Page - STMicroelectronics M41T82 Datasheet HTML 38Page - STMicroelectronics M41T82 Datasheet HTML 39Page - STMicroelectronics M41T82 Datasheet HTML 40Page - STMicroelectronics M41T82 Datasheet HTML 41Page - STMicroelectronics M41T82 Datasheet HTML 42Page - STMicroelectronics M41T82 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
DocID012578 Rev 19
39/64
M41T82, M41T83
Clock operation
When the timer is in the free-running mode, with a value of n programmed into the timer
countdown value, the output will nominally be low for one cycle of the specified clock source
and high for n-1 cycles with an overal period of n cycles. Thus, the countdown period is
n/source clock frequency.
For the special case of n = 1, as shown in Table 11, when the clock source is 4096 or 64 Hz,
the low time (TL) is half the clock period instead of a full clock period.
Figure 22. Timer output waveform in free-running mode (with TI/TP = 1)
Table 10. Timer control register map(1)
1. Bit positions labeled with 0 should always be written with logic 0.
Addr
D7
D6
D5
D4
D3
D2
D1
D0
Function
0Fh
WDF
AF1
AF2
BL
TF
OF
0
0
Flags
10h
Timer countdown value(2)
2. Writing to the timer register will not reset the TF bit nor clear the interrupt.
Timer value
11h
TE
TI/TP
TIE
0
0
0
TD1
TD0
Timer control
Table 11. Timer interrupt operation in free-running mode (with TI/TP = 1)
Source clock (Hz)
IRQ low time – TL (seconds)
(1)
1. IRQ1/FT/OUT is asserted coincident with TF going true.
IRQ period – TIRQ (seconds)
n = 1(2)
2. n = loaded countdown timer value (0 < n < 255). The timer is stopped when n = 0.
n > 1
n = 1
n > 1
4096
1/8192 = 122 µs 1/4096 = 244 µs
1/4096 = 244 µs
n / 4096
64
1/128 = 7.8 ms
1/64 = 15.6 ms
1/64 = 15.6 ms
n / 64
1
1/64
1/64
1
n
1/60
1/64
1/64
1 minute
n minutes
TL
AM03012v1
IRQ1/FT/OUT
TIRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com