Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T82 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M41T82
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M41T82 Datasheet HTML 16Page - STMicroelectronics M41T82 Datasheet HTML 17Page - STMicroelectronics M41T82 Datasheet HTML 18Page - STMicroelectronics M41T82 Datasheet HTML 19Page - STMicroelectronics M41T82 Datasheet HTML 20Page - STMicroelectronics M41T82 Datasheet HTML 21Page - STMicroelectronics M41T82 Datasheet HTML 22Page - STMicroelectronics M41T82 Datasheet HTML 23Page - STMicroelectronics M41T82 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
Clock operation
M41T82, M41T83
20/64
DocID012578 Rev 19
3.1
Clock data coherency
In order to synchronize the data during reads and writes of the real-time clock device, a set
of buffer transfer registers resides between the I2C serial interface on the user side, and the
clock/calendar counters in the part. While the read/write data is transferred in and out of the
device one bit at a time to the user, the transfers between the buffer registers and counters
occur such that all the bits are copied simultaneously. This keeps the data coherent and
ensures that none of the counters are incremented while the data is being transferred.
Figure 16. Clock data coherency
3.1.1
Example of incoherency
Without having the intervening buffer/transfer registers, if the user began directly reading
the counters at 23:59:59, a read of the seconds register would return 59 seconds. After the
address pointer incremented, the next read would return 59 minutes. Then the next read
should return 23 hours, but if the clock happened to increment between the reads, the user
would see 00 hours. When the time was re-assembled, it would appear as 00:59:59, and
thus be incorrect by one hour.
By using the buffer/transfer registers to hold a copy of the time, the user is able to read the
entire set of registers without any values changing during the read.
Similarly, when the application needs to change the time in the counters, it is necessary that
all the counters be loaded simultaneously. Thus, the user writes sequentially to the various
buffer/transfer registers, then they are copied to the counters in a single transfer thereby
coherently loading the counters.
32KHz
OSC
DIVIDE BY 32768
1 Hz
READ / WRITE
BUFFER-TRANSFER
REGISTERS
I2C
I2C
INTERFACE
CENTURIES
YEARS
MONTHS
DATE
DAY-OF-WEEK
HOURS
MINUTES
SECONDS
COUNTER
COUNTER
COUNTER
COUNTER
COUNTER
COUNTER
COUNTER
COUNTER
2
RTC
COUNTERS
AFTER A WRITE, DATA IS TRANSFERRED
FROM BUFFERS TO COUNTERS
AT START OF READ OR WRITE,
DATA IN COUNTERS IS COPIED TO
BUFFER/TRANSFER REGISTERS.
WATCHDOG
NON-CLOCK
REGISTERS
SQUAREWAVE
CALIBRATION
ALARM / HALT
HALT BIT SET AT POWER-DOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com