Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T82 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M41T82
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M41T82 Datasheet HTML 17Page - STMicroelectronics M41T82 Datasheet HTML 18Page - STMicroelectronics M41T82 Datasheet HTML 19Page - STMicroelectronics M41T82 Datasheet HTML 20Page - STMicroelectronics M41T82 Datasheet HTML 21Page - STMicroelectronics M41T82 Datasheet HTML 22Page - STMicroelectronics M41T82 Datasheet HTML 23Page - STMicroelectronics M41T82 Datasheet HTML 24Page - STMicroelectronics M41T82 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
DocID012578 Rev 19
21/64
M41T82, M41T83
Clock operation
3.1.2
Accessing the device
The M41T82/83 is comprised of 32 addresses which provide access to registers for time
and date, digital and analog calibration, two alarms, watchdog, flags, timer, squarewave
(M41T83 only) and NVRAM. The clock and alarm parameters are in binary coded decimal
(BCD) format. The calibration, timer, watchdog, and squarewave parameters are in a binary
format.
In the case of the M41T82 and M41T83, at the start of each read or write serial transfer, the
counters are automatically copied to the buffer registers. In the event of a write to any
register in the range 0-7, at the end of the serial transfer, the buffer registers are copied
back into the counters thus revising the date/time. Any of the eight clock registers
(addresses 0-7) not updated during the transfer will have its old value written back into the
counters. For example, if only the seconds value is revised, the other seven counters will
end up with the same values they had at the start of the serial transfer.
However, writes which do not affect the clock registers - that is, a write only to the non-clock
registers (addresses 0x08 to 0x1F) - will not cause the buffer registers to be copied back to
the counters. The counters are only updated if a register in the range 0-7 was written.
Whenever the RTC registers (addresses 0-7) are written, the divider chain from the
oscillator is reset.
3.2
Halt bit (HT) operation
When the part is powered down into battery backup mode, a control bit, called the Halt or
HT bit, is set automatically. This inhibits any subsequent transfers from the counters to the
buffer registers thereby freezing in the buffer registers the time/date of the last access of the
part.
Repeated reads of the clock registers will return the same value. After the HT bit is cleared,
by writing bit 6 of address 0x0C to 0, the next read of the RTC will return the present time.
Note:
Writes to the RTC registers (addresses 0-7) with the HT bit set can cause time corruption.
Since the buffer registers contain the time of the last access prior to the HT bit being set,
any write in the address range 0-7 will result in the time of the last access being copied back
into the counters.
Example: The last access was November 17, 2009, at 16:15:07.77. The system later
powered down thus setting the HT bit and freezing that value in the buffers. Later, on
December 18, 2009, at 03:22:43.35, the system is powered up and the user writes the
seconds to 46 without first clearing the HT bit. At the end of the serial transfer, the old
time/date, with the seconds modified to 46, will be written back into the clock registers
thereby corrupting them. The new, wrong time will be November 17, 2009, at 16:15:46.77.
This makes it appear the RTC lost time during the power outage.
Thus, at power-up, the user should always clear the HT bit (write bit 6 to 0 at address 0x0C)
before writing to any address in the range 0-7.
A typical power-up flow is to read the time of last access, then clear the HT bit, then read the
current time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com